Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT697F Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 56Page - ATMEL Corporation AT697F Datasheet HTML 57Page - ATMEL Corporation AT697F Datasheet HTML 58Page - ATMEL Corporation AT697F Datasheet HTML 59Page - ATMEL Corporation AT697F Datasheet HTML 60Page - ATMEL Corporation AT697F Datasheet HTML 61Page - ATMEL Corporation AT697F Datasheet HTML 62Page - ATMEL Corporation AT697F Datasheet HTML 63Page - ATMEL Corporation AT697F Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 155 page
background image
60
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Debug Support Unit - DSU
Overview
The AT697 processor includes an hardware debug support unit to aid software debugging on
target hardware. The support is provided through two modules: a debug support unit (DSU) and
a debug communication link (DCL).
The DSU can put the processor in debug mode, allowing read/write access to all processor reg-
isters and cache memories. The DSU also contains a trace buffer which stores executed
instructions or data transfers on the internal bus. The debug communications link implements a
simple read/write protocol and uses standard asynchronous UART communications.
Figure 38. Debug Support Unit and Communication Link
AT697 SPARC V8
Integer unit
I-Cache
D-Cache
AMBA AHB
AT697 processor
Debug
Support Unit
Debug
Comm. Link
AHB interface
Debug I/F
Trace
Buffer
DSUTX
DSURX
DSUEN
DSUBRE
DSUACT
It is possible to debug the processor through any master on the internal bus. The PCI interface is
build in as a master on the internal bus. All debug features are available from any PCI master.
Debug Support
Unit
The debug support unit is used to control the trace buffer and the processor debug mode. The
DSU master occupies a 2 Mbyte address space on the internal bus. Through this address
space, any other masters like PCI can access the processor registers and the contents of the
trace buffer.
The DSU control registers can be accessed at any time, while the processor registers and
caches can only be accessed when the processor has entered debug mode. The trace buffer
can be accessed only when tracing is disabled or completed. In debug mode, the processor
pipeline is held and the processor is controlled by the DSU. Entering the debug mode can occur
on the following events:
•
executing a breakpoint instruction (ta 1)
•
integer unit hardware breakpoint/watchpoint hit (trap 0x0B)
•
rising edge of the external break signal (DSUBRE)
•
setting the break-now DSUC BN
•
a trap that would cause the processor to enter error mode
•
occurrence of any, or a selection of traps as defined in the DSU control register
•
after a single-step operation
•
DSU breakpoint hit
The debug mode can only be entered when the debug support unit is enabled through an exter-
nal pin (DSUEN). Driving the DSUEN pin high enables the debug mode. When the debug mode
is entered, the following actions are taken:
•
PC and nPC are saved in temporary registers (accessible by the debug unit)
•
an output signal (DSUACT) is asserted to indicate the debug state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com