Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT697F Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 51Page - ATMEL Corporation AT697F Datasheet HTML 52Page - ATMEL Corporation AT697F Datasheet HTML 53Page - ATMEL Corporation AT697F Datasheet HTML 54Page - ATMEL Corporation AT697F Datasheet HTML 55Page - ATMEL Corporation AT697F Datasheet HTML 56Page - ATMEL Corporation AT697F Datasheet HTML 57Page - ATMEL Corporation AT697F Datasheet HTML 58Page - ATMEL Corporation AT697F Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 155 page
background image
AT697F ADVANCE INFORMATION
55
7703C–AERO–6/09
Error reporting
Fatal (abort) and
address parity errors
On a fatal error ( or address parity error ), the interface flushes all the current buffer requests and
all other buffer requests. Then, the interface reports the fatal error driven logical one the
PCIITE CMFER.
The PCI core is restarted as soon as a new request is engaged.
DMA transfer
A DMA facility is available on the AT697 processor. The DMA transfer are performed through the
PCI interface. The DMA controller executes data transfer between the local memory and a
remote target on the PCI bus.
The processor core only intervenes for the initiation of the transfer. Once transfer is initiated,
DMA controller is fully autonomous. DMA transfers take place in background of the processor
core activity. Thus, interrupts are provided to help to synchronise the application with start and
end of the transfer.
The DMA interface executes only word-size transactions with all 4 byte lanes enabled.
Operation
The DMA is enabled setting logical one the PCIIC MOD. To synchronize the application with
the start and the end of the transaction, two interrupts can be enabled : PCIITE DMAER for
transfer control and PCIITE IMIER for error control.
Each DMA sequence shall program the following parameters :
•
PCI start address
•
PCI command type
•
number of words to be transferred
•
the start address in the local memory
A DMA transfer is performed assuming the following operations are done in the given order :
1.
Write the PCI start address of burst to the PCI start address register (PCISA). The PCISA
register shall be re-writen each time a DMA transfer is initiated, even if the address is
identical to the address of the previous DMA request.
2.
Write together the PCI command and the number of words to be transfered in the PCI
DMA configuration register (PCIDMA).
Writing to the PCIDMA passes the PCI address, the word count and the PCI command to
the PCI core and initiates the transaction on the PCI bus.
3.
Write the start address in the local memory map to the PCI DMA address register
(PCIDMAA).
Once the three operation are executed, data transfer is started in background. Once the speci-
fied number of words is transfered, the interface set logical one the PCIITE
DMAER and
generate an interrupt if enabled. Then DMA controller goes back to idle state.
Error Reporting
If the PCI core does not accept the DMA cycle request, the DMA state controller remains locked
and an error is reported as initiator error with the PCIITE
IMIER bit set logical one. If the
request on the PCI core was just delayed, rewriting PCIDMAA may succeed. If the problem per-
sists, reset the interface by writing –1 (0xFFFFFFFF) to PCIIC.
Transfer Limitation
A
DMA transaction may never cross a 1 KByte border. The value represented by PCIDMAA(9:2)
+ PCIDMA(7:0) must be less than 256. If this restriction is not respected, the data transfer stops
at the 1 kByte border. Then the PCI core is flushed. Simultaneously, in the PCI interrupt pending
register (PCIITP) the dma error bit PCIITE DMAER and the initiator error bit PCIITE IMIER
are asserted logical one.
If enabled with the PCI interrupr enable register (PCIITE) and unmasked in the general interrupt
mask register, the PCI interrupt 14 is generated (TT = 0x1E).
Debug Facilities
Not implemented for application use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com