Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT697F Datasheet(PDF) 98 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 94Page - ATMEL Corporation AT697F Datasheet HTML 95Page - ATMEL Corporation AT697F Datasheet HTML 96Page - ATMEL Corporation AT697F Datasheet HTML 97Page - ATMEL Corporation AT697F Datasheet HTML 98Page - ATMEL Corporation AT697F Datasheet HTML 99Page - ATMEL Corporation AT697F Datasheet HTML 100Page - ATMEL Corporation AT697F Datasheet HTML 101Page - ATMEL Corporation AT697F Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 155 page
background image
Table 65. Timer 2 Control Register - TIMCTR2
Address = 0x80000058
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
r/w
r/w
xxxx xxxx xxxx xxxx xxxx xxxx xxxx x
0
x
0
Bit Number
Mnemonic
Description
2
ld2
Load counter
when written with ‘one’, will load the timer reload register into the timer counter register. Always reads as a
‘zero’.
1
rl2
Reload counter
If rl2 is set, then the counter will automatically be reloaded with the reload value after each underflow.
0
en2
Enable counter
enables the timer when set.
Table 66. Prescaler Counter Register - SCAC
Address = 0x80000060
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
counter value [9:0]
r/w
r/w
xxxx xxxx xxxx xxxx xxxx xxx
00 0000 0000
Bit Number
Mnemonic
Description
9..0
counter value[9:0] prescaler counter value
98
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
A read access gives the decounting value of the prescaler.
Table 67. Prescaler Reload Register - SCAR
Address = 0x80000064
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
reload value [9:0]
r/w
r/w
xxxx xxxx xxxx xxxx xxxx xxx
00 0000 0000
Bit Number
Mnemonic
Description
9..0
reload value [9:0] Prescaler reload value
A write access programs the reload value of the prescaler.
A read access gives the reload value of the prescaler.
Note:
The reset value for SCAR is 0. This is not a legal value, it is however equivalent to a value of 3
and leads to a division rate of 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com