Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega16U4 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 71Page - ATMEL Corporation ATmega16U4 Datasheet HTML 72Page - ATMEL Corporation ATmega16U4 Datasheet HTML 73Page - ATMEL Corporation ATmega16U4 Datasheet HTML 74Page - ATMEL Corporation ATmega16U4 Datasheet HTML 75Page - ATMEL Corporation ATmega16U4 Datasheet HTML 76Page - ATMEL Corporation ATmega16U4 Datasheet HTML 77Page - ATMEL Corporation ATmega16U4 Datasheet HTML 78Page - ATMEL Corporation ATmega16U4 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 408 page
background image
75
7766D–AVR–01/09
ATmega16U4/ATmega32U4
• OC.3A/OC.4A – Port C, Bit 6
OC.3A: Timer 3 Output Compare A. This pin can be used to generate a PWM signal from Timer
3 module.
OC.4A: Timer 4 Output Compare A. This pin can be used to generate a high-speed PWM signal
from Timer 4 module, complementary to OC.4A (PC7) signal. The pin has to be configured as an
output (DDC6 set “one”) to serve this function.
Table 10-7 relate the alternate functions of Port C to the overriding signals shown in Figure 10-5
on page 69.
Table 10-7.
Overriding Signals for Alternate Functions in PC7.PC6
Signal
Name
PC7/ICP3/CLKO/OC.4
A
PC6/OC.3A/OC.4A
PUOE
SRE • (XMM<1)
SRE •
(XMM<2)|OC3A
enable
PUOV
0
0
DDOE
SRE • (XMM<1)
SRE • (XMM<2)
DDOV
1
1
PVOE
SRE • (XMM<1)
SRE • (XMM<2)
PVOV
A15
if (SRE.XMM<2)
then A14
else OC3A
DIEOE
0
0
DIEOV
0
0
DI
ICP3 input
–
AIO
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com