Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega16U4 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 75Page - ATMEL Corporation ATmega16U4 Datasheet HTML 76Page - ATMEL Corporation ATmega16U4 Datasheet HTML 77Page - ATMEL Corporation ATmega16U4 Datasheet HTML 78Page - ATMEL Corporation ATmega16U4 Datasheet HTML 79Page - ATMEL Corporation ATmega16U4 Datasheet HTML 80Page - ATMEL Corporation ATmega16U4 Datasheet HTML 81Page - ATMEL Corporation ATmega16U4 Datasheet HTML 82Page - ATMEL Corporation ATmega16U4 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 408 page
background image
79
7766D–AVR–01/09
ATmega16U4/ATmega32U4
10.3.5
Alternate Functions of Port E
The Port E pins with alternate functions are shown in Table 10-11.
• INT6/AIN0 – Port E, Bit 6
INT6, External Interrupt source 6: The PE6 pin can serve as an external interrupt source.
AIN0 – Analog Comparator Negative input. This pin is directly connected to the negative input of
the Analog Comparator.
•HWB – Port E, Bit 2
HWB allows to execute the bootloader section after reset when tied to ground during external
reset pulse. The HWB mode of this pin is active only when the HWBE fuse is enable. During nor-
mal operation (excluded Reset), this pin acts as a general purpose I/O.
10.3.6
Alternate Functions of Port F
The Port F has an alternate function as analog input for the ADC as shown in Table 10-13. If
some Port F pins are configured as outputs, it is essential that these do not switch when a con-
version is in progress. This might corrupt the result of the conversion. If the JTAG interface is
Table 10-11. Port E Pins Alternate Functions
Port Pin
Alternate Function
PE7
Not present on pin-out.
PE6
INT6/AIN0 (External Interrupt 6 Input or Analog Comparator Positive Input)
PE5
Not present on pin-out.
PE4
PE3
PE2
HWB (Hardware bootloader activation)
PE1
Not present on pin-out.
PE0
Table 10-12. Overriding Signals for Alternate Functions PE6, PE2
Signal
Name
PE6/INT6/AIN0
PE2/HWB
PUOE
0
0
PUOV
0
0
DDOE
0
0
DDOV
0
1
PVOE
0
0
PVOV
0
0
DIEOE
INT6 ENABLE
0
DIEOV
1
0
DI
INT6 INPUT
HWB
AIO
AIN0 INPUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com