Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega16U4 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 36Page - ATMEL Corporation ATmega16U4 Datasheet HTML 37Page - ATMEL Corporation ATmega16U4 Datasheet HTML 38Page - ATMEL Corporation ATmega16U4 Datasheet HTML 39Page - ATMEL Corporation ATmega16U4 Datasheet HTML 40Page - ATMEL Corporation ATmega16U4 Datasheet HTML 41Page - ATMEL Corporation ATmega16U4 Datasheet HTML 42Page - ATMEL Corporation ATmega16U4 Datasheet HTML 43Page - ATMEL Corporation ATmega16U4 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 408 page
background image
40
7766D–AVR–01/09
ATmega16U4/ATmega32U4
• Bit 1 – PLLE: PLL Enable
When the PLLE is set, the PLL is started. Note that the Calibrated 8 MHz Internal RC oscillator is
automatically enabled when the PLLE bit is set and with PINMUX (see PLLFRQ register) is set.
The PLL must be disabled before entering Power down mode in order to stop Internal RC Oscil-
lator and avoid extra-consumption.
• Bit 0 – PLOCK: PLL Lock Detector
When the PLOCK bit is set, the PLL is locked to the reference clock. After the PLL is enabled, it
takes about several ms for the PLL to lock. To clear PLOCK, clear PLLE.
6.9.3
PLL Frequency Control Register – PLLFRQ
• Bit 7– PINMUX: PLL Input Multiplexer
This bit selects the clock input of the PLL:
– PINMUX = 0: the PLL input is connected to the PLL Prescaler, that has the Primary
System Clock as source
– PINMUX = 1: the PLL input is directly connected to the Internal Calibrated 8MHz RC
Oscillator. This mode allows to work in USB Low Speed mode with no crystal or
using a crystal with a value different of 8/16MHz.
• Bit 6– PLLUSB: PLL Postcaler for USB Peripheral
This bit select the division factor between the PLL output frequency and the USB module input
frequency:
– PLLUSB = 0: no division, direct connection (if PLL Output = 48 MHz)
– PLLUSB = 1: PLL Output frequency is divided by 2 and sent to USB module (if PLL
Output = 96MHz)
• Bit 5..4 – PLLTM1:0: PLL Postcaler for High Speed Timer
These bits codes for the division factor between the PLL Output Frequency and the High Speed
Timer input frequency.
Note that the division factor 1.5 will introduce some jitter in the clock, but keeping the error null
since the average duty cycle is 50%. See Figure 6-5 for more details.
Bit
7
65
43
21
0
$32
PINMUX
PLLUSB
PLLTM1
PLLTM0
PDIV3
PDIV2
PDIV1
PDIV0
PLLFRQ
Read/Write
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
1
0
0
PLLTM1
PLLTM0
PLL Postcaler Factor for High-Speed Timer
0
0
0 (Disconnected)
01
1
10
1.5
11
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com