Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KDFB Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F3650KDFB
Description  RENESAS MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KDFB Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F3650KDFB Datasheet HTML 35Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 36Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 37Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 38Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 39Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 40Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 41Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 42Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
REJ03B0257-0110 Rev.1.10 Sep 24, 2009
Page 39 of 109
M16C/65 Group
4. Special Function Registers (SFRs)
Note:
X: Undefined
1.
The blank areas are reserved. No access is allowed.
Table 4.9
SFR Information (9/16) (1)
Address
Register
Symbol
Reset Value
0270h
SI/O3 Transmit/Receive Register
S3TRR
XXh
0271h
0272h
SI/O3 Control Register
S3C
0100 0000b
0273h
SI/O3 Bit Rate Register
S3BRG
XXh
0274h
SI/O4 Transmit/Receive Register
S4TRR
XXh
0275h
0276h
SI/O4 Control Register
S4C
0100 0000b
0277h
SI/O4 Bit Rate Register
S4BRG
XXh
0278h
SI/O3, 4 Control Register 2
S34C2
00XX X0X0b
0279h
027Ah
027Bh
027Ch
027Dh
027Eh
027Fh
0280h
0281h
0282h
0283h
0284h
UART5 Special Mode Register 4
U5SMR4
00h
0285h
UART5 Special Mode Register 3
U5SMR3
000X 0X0Xb
0286h
UART5 Special Mode Register 2
U5SMR2
X000 0000b
0287h
UART5 Special Mode Register
U5SMR
X000 0000b
0288h
UART5 Transmit/Receive Mode Register
U5MR
00h
0289h
UART5 Bit Rate Register
U5BRG
XXh
028Ah
UART5 Transmit Buffer Register
U5TB
XXh
028Bh
XXh
028Ch
UART5 Transmit/Receive Control Register 0
U5C0
0000 1000b
028Dh
UART5 Transmit/Receive Control Register 1
U5C1
0000 0010b
028Eh
UART5 Receive Buffer Register
U5RB
XXh
028Fh
XXh
0290h
0291h
0292h
0293h
0294h
UART6 Special Mode Register 4
U6SMR4
00h
0295h
UART6 Special Mode Register 3
U6SMR3
000X 0X0Xb
0296h
UART6 Special Mode Register 2
U6SMR2
X000 0000b
0297h
UART6 Special Mode Register
U6SMR
X000 0000b
0298h
UART6 Transmit/Receive Mode Register
U6MR
00h
0299h
UART6 Bit Rate Register
U6BRG
XXh
029Ah
UART6 Transmit Buffer Register
U6TB
XXh
029Bh
XXh
029Ch
UART6 Transmit/Receive Control Register 0
U6C0
0000 1000b
029Dh
UART6 Transmit/Receive Control Register 1
U6C1
0000 0010b
029Eh
UART6 Receive Buffer Register
U6RB
XXh
029Fh
XXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com