Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KDFB Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F3650KDFB
Description  RENESAS MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KDFB Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F3650KDFB Datasheet HTML 17Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 18Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 19Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 20Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 21Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 22Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 23Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 24Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
REJ03B0257-0110 Rev.1.10 Sep 24, 2009
Page 21 of 109
M16C/65 Group
1. Overview
Table 1.14
Pin Functions for the 128-Pin Package (3/3)
Signal Name
Pin Name
I/O
Power Supply
Description
UART0 to
UART2,
UART5 to
UART7
I2C mode
SDA0 to SDA2,
SDA5
I/O
VCC1
Serial data I/O for I2C mode.
SDA6, SDA7
I/O
VCC2
SCL0 to SCL2,
SCL5
I/O
VCC1
Transmit/receive clock I/O for I2C mode.
SCL6, SCL7
I/O
VCC2
Serial interface
SI/O3, SI/O4
CLK3, CLK4
I/O
VCC1
Transmit/receive clock I/O.
SIN3, SIN4
I
VCC1
Serial data input.
SOUT3, SOUT4
O
VCC1
Serial data output.
Multi-master I2C-
bus interface
SDAMM
I/O
VCC1
Serial data I/O (N-channel open drain output).
SCLMM
I/O
VCC1
Transmit/receive clock I/O (N-channel open drain output).
CEC I/O
CEC
I/O
VCC1
CEC I/O (N-channel open drain output).
Reference
voltage input
VREF
I
VCC1
Reference voltage input for the A/D and D/A converters.
A/D converter
AN0 to AN7
I
VCC1
Analog input for the A/D converter.
AN0_0 to AN0_7
AN2_0 to AN2_7
I
VCC2
ADTRG
I
VCC1
External A/D trigger input.
ANEX0, ANEX1
I
VCC1
Extended analog input for the A/D converter.
D/A converter
DA0, DA1
O
VCC1
Output pin the D/A converter.
I/O ports
P0_0 to P0_7
P1_0 to P1_7
P2_0 to P2_7
P3_0 to P3_7
P4_0 to P4_7
P5_0 to P5_7
P12_0 to P12_7
P13_0 to P13_7
I/O
VCC2
8-bit CMOS I/O ports. A direction register determines
whether each pin is used as an input port or an output
port. A pull-up resistor may be enabled or disabled for
input ports in 4-bit units.
P6_0 to P6_7
P7_0 to P7_7
P8_0 to P8_7
P9_0 to P9_7
P10_0 to P10_7
P11_0 to P11_7
I/O
VCC1
8-bit I/O ports having equivalent functions to P0. However,
P7_0, P7_1, and P8_5 are N-channel open drain output
ports. No pull-up resistor is provided. P8_5 is an input port
for verifying the
NMI pin level and shares a pin with NMI.
P14_0, P14_1
I/O
VCC1
I/O ports having equivalent functions to P0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com