Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KDFB Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R5F3650KDFB
Description  RENESAS MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KDFB Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R5F3650KDFB Datasheet HTML 73Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 74Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 75Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 76Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 77Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 78Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 79Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 80Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 112 page
background image
REJ03B0257-0110 Rev.1.10 Sep 24, 2009
Page 77 of 109
M16C/65 Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
Switching Characteristics
(VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20 to 85°C/-40 to 85°C unless otherwise specified)
5.2.4.2
In 1 to 3 Waits Setting and When Accessing External Area
Notes:
1.
Calculated according to the BCLK frequency as follows:
2.
Calculated according to the BCLK frequency as follows:
3.
This standard value shows the timing when the output is off,
and does not show hold time of data bus.
Hold time of data bus varies with capacitor volume and pull-
up (pull-down) resistance value.
Hold time of data bus is expressed in
t =
−CR × ln(1 − V
OL/VCC2)
by a circuit of the right figure.
For example, when VOL = 0.2VCC2, C = 30 pF, R = 1 kΩ,
hold time of output low level is
t =
−30 pF × 1 kΩ × In(1 − 0.2V
CC2/VCC2)
= 6.7 ns.
Table 5.38
Memory Expansion Mode and Microprocessor Mode (in 1 to 3 Waits Setting and When
Accessing External Area)
Symbol
Parameter
Measuring
Condition
Standard
Unit
Min.
Max.
td(BCLK-AD)
Address output delay time
See
Figure 5.13
25
ns
th(BCLK-AD)
Address output hold time (in relation to BCLK)
0ns
th(RD-AD)
Address output hold time (in relation to RD)
0ns
th(WR-AD)
Address output hold time (in relation to WR)
(Note 2)
ns
td(BCLK-CS)
Chip select output delay time
25
ns
th(BCLK-CS)
Chip select output hold time (in relation to BCLK)
0ns
td(BCLK-ALE)
ALE signal output delay time
15
ns
th(BCLK-ALE)
ALE signal output hold time
-4
ns
td(BCLK-RD)
RD signal output delay time
25
ns
th(BCLK-RD)
RD signal output hold time
0ns
td(BCLK-WR)
WR signal output delay time
25
ns
th(BCLK-WR)
WR signal output hold time
0ns
td(BCLK-DB)
Data output delay time (in relation to BCLK)
40
ns
th(BCLK-DB)
Data output hold time (in relation to BCLK) (3)
0ns
td(DB-WR)
Data output delay time (in relation to WR)
(Note 1)
ns
th(WR-DB)
Data output hold time (in relation to WR)(3)
(Note 2)
ns
td(BCLK-HLDA)
HLDA output delay time
40
ns
n
0.5
–
() 10
9
×
f
BCLK
()
------------------------------------40 ns
[]
–
n is 1 for 1 wait setting, 2 for 2 waits setting and 3 for 3 waits setting.
When n = 1, f(BCLK) is 12.5 MHz or less.
0.5
10
9
×
f
BCLK
()
----------------------10 ns
[]
–
DBi
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com