Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650KDFB Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F3650KDFB
Description  RENESAS MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650KDFB Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F3650KDFB Datasheet HTML 28Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 29Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 30Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 31Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 32Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 33Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 34Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 35Page - Renesas Technology Corp R5F3650KDFB Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
REJ03B0257-0110 Rev.1.10 Sep 24, 2009
Page 32 of 109
M16C/65 Group
4. Special Function Registers (SFRs)
Notes:
X: Undefined
1.
The blank areas are reserved. No access is allowed.
2.
Software reset, watchdog timer reset, oscillator stop detect reset, voltage monitor 1 reset, and voltage monitor 2 reset do not affect the following
registers or bit: the VW0C register, the VW1C2 bit in the VW1C register, and bits VW2C2 and VW2C3 in the VW2C register.
3.
This is the reset value when the LVDAS bit of address OFS1 is 1 during hardware reset
4.
This is the reset value after voltage monitor 0 reset, power-on reset, and when the LVDAS bit of address OFS1 is 0 during hardware reset.
5.
This is the reset value after hardware reset, power-on reset, voltage monitor 0 reset, voltage monitor 1 reset, or voltage monitor 2 reset (The
value does not change after oscillator detect reset, watchdog timer reset, or software reset.)
6.
This is the reset value after hardware reset, power-on reset, or voltage monitor 0 reset
7.
This is the reset value after voltage monitor 1 reset, voltage monitor 2 reset, oscillator stop detect reset, watchdog timer reset, or software reset
Table 4.2
SFR Information (2/16) (1)
Address
Register
Symbol
Reset Value
0020h
0021h
0022h
40 MHz On-Chip Oscillator Control Register 0
FRA0
XXXX XX00b
0023h
0024h
0025h
0026h
Voltage Monitor Function Select Register
VWCE
00h (5)
0027h
0028h
Voltage Detector 1 Level Select Register
VD1LS
0000 1010b (5)
0029h
002Ah
Voltage Monitor 0 Control Register
VW0C
1100 XX10b (2, 3)
1100 XX11b (2, 4)
002Bh
Voltage Monitor 1 Control Register
VW1C
1000 1X10b (6)
1000 XX10b (2, 7)
002Ch
Voltage Monitor 2 Control Register
VW2C
1000 0X10b (2)
002Dh
002Eh
002Fh
0030h
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
0040h
0041h
0042h
INT7 Interrupt Control Register
INT7IC
XX00 X000b
0043h
INT6 Interrupt Control Register
INT6IC
XX00 X000b
0044h
INT3 Interrupt Control Register
INT3IC
XX00 X000b
0045h
Timer B5 Interrupt Control Register
TB5IC
XXXX X000b
0046h
Timer B4 Interrupt Control Register
UART1 Bus Collision Detection Interrupt Control Register
TB4IC
U1BCNIC
XXXX X000b
0047h
Timer B3 Interrupt Control Register
UART0 Bus Collision Detection Interrupt Control Register
TB3IC
U0BCNIC
XXXX X000b
0048h
SI/O4 Interrupt Control Register
INT5 Interrupt Control Register
S4IC
INT5IC
XX00 X000b
0049h
SI/O3 Interrupt Control Register
INT4 Interrupt Control Register
S3IC
INT4IC
XX00 X000b
004Ah
UART2 Bus Collision Detection Interrupt Control Register
BCNIC
XXXX X000b
004Bh
DMA0 Interrupt Control Register
DM0IC
XXXX X000b
004Ch
DMA1 Interrupt Control Register
DM1IC
XXXX X000b
004Dh
Key Input Interrupt Control Register
KUPIC
XXXX X000b
004Eh
A/D Conversion Interrupt Control Register
ADIC
XXXX X000b
004Fh
UART2 Transmit Interrupt Control Register
S2TIC
XXXX X000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com