Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA64A1 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 20Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 22Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 23Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 24Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 25Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 26Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 27Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
24
8067I–AVR–04/09
XMEGA A1
12.3.5
JTAG reset
The MCU is reset as long as there is a logic one in the Reset Register in one of the scan chains
of the JTAG system. Refer to IEEE 1149.1 (JTAG) Boundary-scan for details.
12.3.6
PDI reset
The MCU can be reset through the Program and Debug Interface (PDI).
12.3.7
Software reset
The MCU can be reset by the CPU writing to a special I/O register through a timed sequence.
12.4
WDT - Watchdog Timer
12.4.1
Features
• 11 selectable timeout periods, from 8 ms to 8s.
• Two operation modes
– Standard mode
– Window mode
• Runs from the 1 kHz output of the 32 kHz Ultra Low Power oscillator
• Configuration lock to prevent unwanted changes
12.4.2
Overview
The XMEGA A1 has a Watchdog Timer (WDT). The WDT will run continuously when turned on
and if the Watchdog Timer is not reset within a software configurable time-out period, the micro-
controller will be reset. The Watchdog Reset (WDR) instruction must be run by software to reset
the WDT, and prevent microcontroller reset.
The WDT has a Window mode. In this mode the WDR instruction must be run within a specified
period called a window. Application software can set the minimum and maximum limits for this
window. If the WDR instruction is not executed inside the window limits, the microcontroller will
be reset.
A protection mechanism using a timed write sequence is implemented in order to prevent
unwanted enabling, disabling or change of WDT settings.
For maximum safety, the WDT also has an Always-on mode. This mode is enabled by program-
ming a fuse. In Always-on mode, application software can not disable the WDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com