Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA64A1 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 31Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 32Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 33Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 34Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 35Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 36Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 37Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 38Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
35
8067I–AVR–04/09
XMEGA A1
18. RTC - 16-bit Real-Time Counter
18.1
Features
• 16-bit Timer
• Flexible Tick resolution ranging from 1 Hz to 32.768 kHz
• One Compare register
• One Period register
• Clear timer on Overflow or Compare Match
• Overflow or Compare Match event and interrupt generation
18.2
Overview
The XMEGA A1 includes a 16-bit Real-time Counter (RTC). The RTC can be clocked from an
accurate 32.768 kHz Crystal Oscillator, the 32.768 kHz Calibrated Internal Oscillator, or from the
32 kHz Ultra Low Power Internal Oscillator. The RTC includes both a Period and a Compare
register. For details, see Figure 18-1.
A wide range of Resolution and Time-out periods can be configured using the RTC. With a max-
imum resolution of 30.5 µs, time-out periods range up to 2000 seconds. With a resolution of 1
second, the maximum time-out period is over 18 hours (65536 seconds).
Figure 18-1. Real Time Counter overview
10-bit
prescaler
Counter
Period
Compare
=
=
Overflow
Compare Match
1 kHz
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com