Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA64A1 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 22Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 23Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 24Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 25Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 26Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 27Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 28Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 29Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 99 page
background image
26
8067I–AVR–04/09
XMEGA A1
0x040
NVM_INT_base
Non-Volatile Memory Interrupt base
0x044
PORTB_INT_base
Port B Interrupt base
0x048
ACB_INT_base
Analog Comparator on Port B Interrupt base
0x04E
ADCB_INT_base
Analog to Digital Converter on Port B Interrupt base
0x056
PORTE_INT_base
Port E Interrupt base
0x05A
TWIE_INT_base
Two-Wire Interface on Port E Interrupt base
0x05E
TCE0_INT_base
Timer/Counter 0 on port E Interrupt base
0x06A
TCE1_INT_base
Timer/Counter 1 on port E Interrupt base
0x072
SPIE_INT_vect
SPI on port E Interrupt vector
0x074
USARTE0_INT_base
USART 0 on port E Interrupt base
0x07A
USARTE1_INT_base
USART 1 on port E Interrupt base
0x080
PORTD_INT_base
Port D Interrupt base
0x084
PORTA_INT_base
Port A Interrupt base
0x088
ACA_INT_base
Analog Comparator on Port A Interrupt base
0x08E
ADCA_INT_base
Analog to Digital Converter on Port A Interrupt base
0x096
TWID_INT_base
Two-Wire Interface on Port D Interrupt base
0x09A
TCD0_INT_base
Timer/Counter 0 on port D Interrupt base
0x0A6
TCD1_INT_base
Timer/Counter 1 on port D Interrupt base
0x0AE
SPID_INT_vector
SPI on port D Interrupt vector
0x0B0
USARTD0_INT_base
USART 0 on port D Interrupt base
0x0B6
USARTD1_INT_base
USART 1 on port D Interrupt base
0x0BC
PORTQ_INT_base
Port Q INT base
0x0C0
PORTH_INT_base
Port H INT base
0x0C4
PORTJ_INT_base
Port J INT base
0x0C8
PORTK_INT_base
Port K INT base
0x0D0
PORTF_INT_base
Port F INT base
0x0D4
TWIF_INT_base
Two-Wire Interface on Port F INT base
0x0D8
TCF0_INT_base
Timer/Counter 0 on port F Interrupt base
0x0E4
TCF1_INT_base
Timer/Counter 1 on port F Interrupt base
0x0EC
SPIF_INT_vector
SPI ion port F Interrupt base
0x0EE
USARTF0_INT_base
USART 0 on port F Interrupt base
0x0F4
USARTF1_INT_base
USART 1 on port F Interrupt base
Table 13-1.
Reset and Interrupt Vectors (Continued)
Program Address
(Base Address)
Source
Interrupt Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com