Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA64A1 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 22Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 23Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 24Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 25Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 26Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 27Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 28Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 99 page
background image
25
8067I–AVR–04/09
XMEGA A1
13. PMIC - Programmable Multi-level Interrupt Controller
13.1
Features
• Separate interrupt vector for each interrupt
• Short, predictable interrupt response time
• Programmable Multi-level Interrupt Controller
– 3 programmable interrupt levels
– Selectable priority scheme within low level interrupts (round-robin or fixed)
– Non-Maskable Interrupts (NMI)
• Interrupt vectors can be moved to the start of the Boot Section
13.2
Overview
XMEGA A1 has a Programmable Multi-level Interrupt Controller (PMIC). All peripherals can
define three different priority levels for interrupts; high, medium or low. Medium level interrupts
may interrupt low level interrupt service routines. High level interrupts may interrupt both low-
and medium level interrupt service routines. Low level interrupts have an optional round robin
scheme to make sure all interrupts are serviced within a certain amount of time.
The built in oscillator failure detection mechanism can issue a Non-Maskable Interrupt (NMI).
13.3
Interrupt vectors
When an interrupt is serviced, the program counter will jump to the interrupt vector address. The
interrupt vector is the sum of the peripheral’s base interrupt address and the offset address for
specific interrupts in each peripheral. The base addresses for the XMEGA A1 devices are shown
in Table 13-1. Offset addresses for each interrupt available in the peripheral are described for
each peripheral in the XMEGA A manual. For peripherals or modules that have only one inter-
rupt, the interrupt vector is shown in Table 13-1. The program address is the word address.
Table 13-1.
Reset and Interrupt Vectors
Program Address
(Base Address)
Source
Interrupt Description
0x000
RESET
0x002
OSCF_INT_vect
Crystal Oscillator Failure Interrupt vector (NMI)
0x004
PORTC_INT_base
Port C Interrupt base
0x008
PORTR_INT_base
Port R Interrupt base
0x00C
DMA_INT_base
DMA Controller Interrupt base
0x014
RTC_INT_base
Real Time Counter Interrupt base
0x018
TWIC_INT_base
Two-Wire Interface on Port C Interrupt base
0x01C
TCC0_INT_base
Timer/Counter 0 on port C Interrupt base
0x028
TCC1_INT_base
Timer/Counter 1 on port C Interrupt base
0x030
SPIC_INT_vect
SPI on port C Interrupt vector
0x032
USARTC0_INT_base
USART 0 on port C Interrupt base
0x038
USARTC1_INT_base
USART 1 on port C Interrupt base
0x03E
AES_INT_vect
AES Interrupt vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com