Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 72Page - ATMEL Corporation ATtiny5 Datasheet HTML 73Page - ATMEL Corporation ATtiny5 Datasheet HTML 74Page - ATMEL Corporation ATtiny5 Datasheet HTML 75Page - ATMEL Corporation ATtiny5 Datasheet HTML 76Page - ATMEL Corporation ATtiny5 Datasheet HTML 77Page - ATMEL Corporation ATtiny5 Datasheet HTML 78Page - ATMEL Corporation ATtiny5 Datasheet HTML 79Page - ATMEL Corporation ATtiny5 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 168 page
background image
76
8127C–AVR–10/09
ATtiny4/5/9/10
When a capture is triggered according to the ICES0 setting, the counter value is copied into the
Input Capture Register (ICR0). The event will also set the Input Capture Flag (ICF0), and this
can be used to cause an Input Capture Interrupt, if this interrupt is enabled.
When the ICR0 is used as TOP value (see description of the WGM03:0 bits located in the
TCCR0A and the TCCR0B Register), the ICP0 is disconnected and consequently the Input Cap-
ture function is disabled.
• Bit 5 – Reserved Bit
This bit is reserved for future use. For ensuring compatibility with future devices, this bit must be
written to zero when TCCR0B is written.
• Bits 4:3 – WGM03:2: Waveform Generation Mode
See “TCCR0A – Timer/Counter0 Control Register A” on page 73.
• Bits 2:0 – CS02:0: Clock Select
The three Clock Select bits set the clock source to be used by the Timer/Counter, see Figure 11-
12 and Figure 11-13.
If external pin modes are used for the Timer/Counter0, transitions on the T0 pin will clock the
counter even if the pin is configured as an output. This feature allows software control of the
counting.
11.11.3
TCCR0C – Timer/Counter0 Control Register C
• Bit 7 – FOC0A: Force Output Compare for Channel A
• Bit 6 – FOC0B: Force Output Compare for Channel B
The FOC0A/FOC0B bits are only active when the WGM03:0 bits specifies a non-PWM mode.
However, for ensuring compatibility with future devices, these bits must be set to zero when
TCCR0A is written when operating in a PWM mode. When writing a logical one to the
FOC0A/FOC0B bit, an immediate compare match is forced on the Waveform Generation unit.
Table 11-6.
Clock Select Bit Description
CS02
CS01
CS00
Description
0
0
0
No clock source (Timer/Counter stopped)
00
1
clkI/O/1 (No prescaling)
01
0
clkI/O/8 (From prescaler)
01
1
clkI/O/64 (From prescaler)
10
0
clkI/O/256 (From prescaler)
10
1
clkI/O/1024 (From prescaler)
1
1
0
External clock source on T0 pin. Clock on falling edge
1
1
1
External clock source on T0 pin. Clock on rising edge
Bit
765
4
3
210
0x2C
FOC0A
FOC0B
TCCR0C
Read/Write
W
W
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com