Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 78Page - ATMEL Corporation ATtiny5 Datasheet HTML 79Page - ATMEL Corporation ATtiny5 Datasheet HTML 80Page - ATMEL Corporation ATtiny5 Datasheet HTML 81Page - ATMEL Corporation ATtiny5 Datasheet HTML 82Page - ATMEL Corporation ATtiny5 Datasheet HTML 83Page - ATMEL Corporation ATtiny5 Datasheet HTML 84Page - ATMEL Corporation ATtiny5 Datasheet HTML 85Page - ATMEL Corporation ATtiny5 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 168 page
background image
82
8127C–AVR–10/09
ATtiny4/5/9/10
• Bit 4 – ACI: Analog Comparator Interrupt Flag
This bit is set by hardware when a comparator output event triggers the interrupt mode defined
by ACIS1 and ACIS0. The analog comparator interrupt routine is executed if the ACIE bit is set
and the I-bit in SREG is set. ACI is cleared by hardware when executing the corresponding inter-
rupt handling vector. Alternatively, ACI is cleared by writing a logic one to the flag.
• Bit 3 – ACIE: Analog Comparator Interrupt Enable
When the ACIE bit is written logic one, the Analog Comparator interrupt request is enabled.
When written logic zero, the interrupt request is disabled.
• Bit 2 – ACIC: Analog Comparator Input Capture Enable
When set, this bit enables the input capture function in Timer/Counter0 to be triggered by the
analog comparator. In this case, the comparator output is directly connected to the input capture
front-end logic, using the noise canceler and edge select features of the Timer/Counter0 input
capture interrupt. To make the comparator trigger the Timer/Counter0 input capture interrupt,
the ICIE1 bit in “TIMSK0 – Timer/Counter Interrupt Mask Register 0” must be set.
When this bit is cleared, no connection between the analog comparator and the input capture
function exists.
• Bits 1:0 – ACIS1, ACIS0: Analog Comparator Interrupt Mode Select
These bits determine which comparator events that trigger the analog comparator interrupt. The
different settings are shown in Table 12-1.
When changing the ACIS1/ACIS0 bits, the analog comparator Interrupt must be disabled by
clearing its Interrupt Enable bit in “ACSR – Analog Comparator Control and Status Register”.
Otherwise an interrupt can occur when the bits are changed.
12.1.2
DIDR0 – Digital Input Disable Register 0
• Bits 1:0 – ADC1D, ADC0D: Digital Input Disable
When this bit is set, the digital input buffer on pin AIN1 (ADC1) / AIN0 (ADC0) is disabled and
the corresponding PIN register bit will read as zero. When used as an analog input but not
required as a digital input the power consumption in the digital input buffer can be reduced by
writing this bit to logic one.
Table 12-1.
Selecting Source for Analog Comparator Interrupt.
ACIS1
ACIS0
Interrupt Mode
0
0
Comparator Interrupt on Output Toggle.
01
Reserved
1
0
Comparator Interrupt on Falling Output Edge.
1
1
Comparator Interrupt on Rising Output Edge.
Bit
765
4321
0
0x17
ADC1D
ADC0D
DIDR0
Read/Write
RR
R
R
RR
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com