Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATtiny5 Datasheet HTML 1Page - ATMEL Corporation ATtiny5 Datasheet HTML 2Page - ATMEL Corporation ATtiny5 Datasheet HTML 3Page - ATMEL Corporation ATtiny5 Datasheet HTML 4Page - ATMEL Corporation ATtiny5 Datasheet HTML 5Page - ATMEL Corporation ATtiny5 Datasheet HTML 6Page - ATMEL Corporation ATtiny5 Datasheet HTML 7Page - ATMEL Corporation ATtiny5 Datasheet HTML 8Page - ATMEL Corporation ATtiny5 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 168 page
background image
Features
High Performance, Low Power AVR® 8-Bit Microcontroller
Advanced RISC Architecture
– 54 Powerful Instructions – Most Single Clock Cycle Execution
– 16 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 12 MIPS Throughput at 12 MHz
Non-volatile Program and Data Memories
– 512/1024 Bytes of In-System Programmable Flash Program Memory
– 32 Bytes Internal SRAM
– Flash Write/Erase Cycles: 10,000
– Data Retention: 20 Years at 85oC / 100 Years at 25oC
Peripheral Features
– One 16-bit Timer/Counter with Prescaler and Two PWM Channels
– Programmable Watchdog Timer with Separate On-chip Oscillator
– 4-channel, 8-bit Analog to Digital Converter (1)
– On-chip Analog Comparator
Special Microcontroller Features
– In-System Programmable (2)
– External and Internal Interrupt Sources
– Low Power Idle, ADC Noise Reduction, and Power-down Modes
– Enhanced Power-on Reset Circuit
– Programmable Supply Voltage Level Monitor with Interrupt and Reset
– Internal Calibrated Oscillator
I/O and Packages
– 6-pin SOT: Four Programmable I/O Lines
Operating Voltage:
– 1.8 – 5.5V
Programming Voltage:
–5V
Speed Grade
– 0 – 4 MHz @ 1.8 – 5.5V
– 0 – 8 MHz @ 2.7 – 5.5V
– 0 – 12 MHz @ 4.5 – 5.5V
Industrial Temperature Range
Low Power Consumption
– Active Mode:
• 200µA at 1MHz and 1.8V
–Idle Mode:
• 25µA at 1MHz and 1.8V
– Power-down Mode:
• < 0.1µA at 1.8V
Note:
1. The Analog to Digital Converter (ADC) is available in ATtiny5/10, only
2. At 5V, only
8-bit
Microcontroller
with 512/1024
Bytes In-System
Programmable
Flash
ATtiny4/5/9/10
Preliminary
8127C–AVR–10/09


Similar Part No. - ATtiny5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny5 ATMEL-ATtiny5 Datasheet
621Kb / 20P
8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
ATTINY5 ATMEL-ATTINY5_14 Datasheet
4Mb / 170P
Atmel 8-bit AVR Microcontroller
More results

Similar Description - ATtiny5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
8-bit Microcontroller with 32K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_07 Datasheet
376Kb / 21P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY4 ATMEL-ATTINY4_09 Datasheet
621Kb / 20P
8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com