Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 75Page - ATMEL Corporation ATtiny5 Datasheet HTML 76Page - ATMEL Corporation ATtiny5 Datasheet HTML 77Page - ATMEL Corporation ATtiny5 Datasheet HTML 78Page - ATMEL Corporation ATtiny5 Datasheet HTML 79Page - ATMEL Corporation ATtiny5 Datasheet HTML 80Page - ATMEL Corporation ATtiny5 Datasheet HTML 81Page - ATMEL Corporation ATtiny5 Datasheet HTML 82Page - ATMEL Corporation ATtiny5 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 168 page
background image
79
8127C–AVR–10/09
ATtiny4/5/9/10
11.11.9
TIFR0 – Timer/Counter Interrupt Flag Register 0
• Bits 7:6, 4:3 – Reserved Bits
These bits are reserved for future use. For ensuring compatibility with future devices, these bits
must be written to zero when the register is written.
• Bit 5 – ICF0: Timer/Counter0, Input Capture Flag
This flag is set when a capture event occurs on the ICP0 pin. When the Input Capture Register
(ICR0) is set by the WGM03:0 to be used as the TOP value, the ICF0 flag is set when the coun-
ter reaches the TOP value.
ICF0 is automatically cleared when the Input Capture Interrupt Vector is executed. Alternatively,
ICF0 can be cleared by writing a logic one to its bit location.
• Bit 2 – OCF1B: Timer/Counter0, Output Compare B Match Flag
This flag is set in the timer clock cycle after the counter (TCNT0) value matches the Output
Compare Register B (OCR0B).
Note that a Forced Output Compare (0B) strobe will not set the OCF0B flag.
OCF1B is automatically cleared when the Output Compare Match B Interrupt Vector is exe-
cuted. Alternatively, OCF1B can be cleared by writing a logic one to its bit location.
• Bit 1 – OCF0A: Timer/Counter0, Output Compare A Match Flag
This flag is set in the timer clock cycle after the counter (TCNT0) value matches the Output
Compare Register A (OCR0A).
Note that a Forced Output Compare (1A) strobe will not set the OCF0A flag.
OCF0A is automatically cleared when the Output Compare Match A Interrupt Vector is exe-
cuted. Alternatively, OCF0A can be cleared by writing a logic one to its bit location.
• Bit 0 – TOV0: Timer/Counter0, Overflow Flag
The setting of this flag is dependent of the WGM03:0 bits setting. In Normal and CTC modes,
the TOV0 flag is set when the timer overflows. See Table 11-5 on page 75 for the TOV0 flag
behavior when using another WGM03:0 bit setting.
TOV0 is automatically cleared when the Timer/Counter0 Overflow Interrupt Vector is executed.
Alternatively, TOV0 can be cleared by writing a logic one to its bit location.
11.11.10 GTCCR – General Timer/Counter Control Register
• Bit 7 – TSM: Timer/Counter Synchronization Mode
Writing the TSM bit to one activates the Timer/Counter Synchronization mode. In this mode, the
value that is written to the PSR bit is kept, hence keeping the Prescaler Reset signal asserted.
Bit
7654
3
2
1
0
0x2A
–ICF0
OCF0B
OCF0A
TOV0
TIFR0
Read/Write
R
R
R/W
R
R
R/W
R/W
R/W
Initial Value
0000
0
0
0
0
Bit
7
6
5
4
3
2
1
0
0x2F
TSM
PSR
GTCCR
Read/Write
R/W
R
R
R
R
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com