Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny5 Datasheet(PDF) 95 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 91Page - ATMEL Corporation ATtiny5 Datasheet HTML 92Page - ATMEL Corporation ATtiny5 Datasheet HTML 93Page - ATMEL Corporation ATtiny5 Datasheet HTML 94Page - ATMEL Corporation ATtiny5 Datasheet HTML 95Page - ATMEL Corporation ATtiny5 Datasheet HTML 96Page - ATMEL Corporation ATtiny5 Datasheet HTML 97Page - ATMEL Corporation ATtiny5 Datasheet HTML 98Page - ATMEL Corporation ATtiny5 Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 168 page
background image
95
8127C–AVR–10/09
ATtiny4/5/9/10
trigger signal. If ADEN in ADCSRA is set, this will start a conversion. Switching to Free Running
mode (ADTS[2:0]=0) will not cause a trigger event, even if the ADC Interrupt Flag is set
.
13.12.4
ADCL
ADC Data Register
When an ADC conversion is complete, the result is found in the ADC register.
• Bits 7:0 – ADC7:0: ADC Conversion Result
These bits represent the result from the conversion.
13.12.5
DIDR0
Digital Input Disable Register 0
• Bits 7:4 – Res: Reserved Bit
These bits are reserved and will always read zero.
• Bits 3:0 – ADC3D..ADC0D: ADC3..0 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding ADC pin is dis-
abled. The corresponding PIN register bit will always read as zero when this bit is set. When an
analog signal is applied to the ADC3..0 pin and the digital input from this pin is not needed, this
bit should be written logic one to reduce power consumption in the digital input buffer.
Table 13-4.
ADC Auto Trigger Source Selections
ADTS2
ADTS1
ADTS0
Trigger Source
0
0
0
Free Running mode
0
0
1
Analog Comparator
0
1
0
External Interrupt Flag 0
0
1
1
Timer/Counter 0 Compare Match A
1
0
0
Timer/Counter 0 Overflow
1
0
1
Timer/Counter 0 Compare Match B
1
1
0
Pin Change Interrupt 0 Request
1
1
1
Timer/Counter 0 Capture Event
Bit
765
4321
0
0x19
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
ADCL
Read/Write
RRRR
RRRR
Initial Value
000
0000
0
Bit
765
432
1
0
0x17
ADC3D
ADC2D
ADC1D
ADC0D
DIDR0
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com