Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3181-RAN+ Datasheet(PDF) 70 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 70 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 66Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 67Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 68Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 69Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 70Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 71Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 74Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
70
______________________________________________________________________________________
Cycle Count (CYCNT) (0x01C)
This register contains the number of line cycles that will be accumulated in a single DSP cycle. When CYCNT line
cycles have been accumulated, the DSP performs power, power factor, and energy calculations. By default, the
cycle count is 0x10 (16 decimal).
Number of Scan Frames per DSP Cycle (NS) (0x040)
The NS register defines the fundamental timing for the electricity meter. It defines a DSP cycle in terms the period of
the ADC scan frame. Generally, this register is calculated and updated automatically by the MAXQ3181 firmware
based on the zero-crossing detection, and whether noise rejection (REJ_NS) and averaging (AVG_NS) are enabled.
Host code can write to this register in order to set the desired DSP cycle duration. The duration of one scan frame
(tFR) is represented as 0x00010000.
Bit:
15
14
13
12
11
10
9
8
Name:
Cycle Count High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Cycle Count Low Byte
Reset:
0x10
Bit:
31
30
29
28
27
26
25
24
Name:
Integer Portion, High Byte
Reset:
0x03
Bit:
23
22
21
20
19
18
17
16
Name:
Integer Portion, Low Byte
Reset:
0xE8
Bit:
15
14
13
12
11
10
9
8
Name:
Fractional Portion, High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Fractional Portion, Low Byte
Reset:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com