Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3181-RAN+ Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 71Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 75Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 76Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 77Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 78Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
______________________________________________________________________________________
75
Timeouts
Zero-Crossing Timeout (NZX_TIMO) (0x054)
This register specifies the time in ADC sample periods (default 40μs) that must elapse following a zero-crossing
event before the MAXQ3181 declares a “no-zero crossing” fault. When this fault is declared, the NOZXF bit in the
X.FLAGS register is set.
Communications Timeout (COM_TIMO) (0x056)
This register specifies the duration of SPI timeout in ADC frames (default 320μs).
Energy Accumulation Timeout (ACC_TIMO) (0x058)
This register specifies the time in DSP cycles that the MAXQ3181 waits before accumulating energy. If this register is
nonzero, it is decremented on each DSP cycle. If the result of the decrement is nonzero, the results of the DSP cycle
are discarded and are not accumulated to the energy registers. This register is useful for delaying the initiation of
energy accumulation on startup or after some hardware function has been modified.
Bit:
15
14
13
12
11
10
9
8
Name:
Zero-Crossing Timeout High Byte
Reset:
0x23
Bit:
7
6
5
4
3
2
1
0
Name:
Zero-Crossing Timeout Low Byte
Reset:
0x28
Bit:
15
14
13
12
11
10
9
8
Name:
Communications Timeout High Byte
Reset:
0x03
Bit:
7
6
5
4
3
2
1
0
Name:
Communications Timeout Low Byte
Reset:
0xE8
Bit:
15
14
13
12
11
10
9
8
Name:
Energy Accumulation Timeout High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Energy Accumulation Timeout Low Byte
Reset:
0x05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com