Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3181-RAN+ Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
______________________________________________________________________________________
37
Overvoltage Level (OVLVL) (0x046)
This register specifies the fraction of full-scale voltage that is declared to be an overvoltage condition. When X.VRMS
exceeds this level for one DSP cycle, the OVF flag in the X.FLAGS register is set. If the OVM flag is set in the
X.MASK register, setting the OVF flag will cause the interrupt bit OV to be set in the IRQ_FLAG register. If the inter-
rupt is enabled, the interrupt pin is driven active. Full scale is represented by 0x10000. The maximum value for this
register is 0xFFFF.
Undervoltage Level (UVLVL) (0x048)
This register specifies the fraction of full-scale voltage below which an undervoltage condition is declared. When
X.VRMS falls below this level for one DSP cycle, the UVF flag in the X.FLAGS register is set. If the UVM flag is set in
the X.MASK register, setting the UVF flag will cause the interrupt bit UV to be set in the IRQ_FLAG register. If the
interrupt is enabled, the interrupt pin is driven active. Full scale is represented by 0x10000. The maximum value for
this register is 0xFFFF.
No-Load Level (NOLOAD) (0x04A)
This register specifies the fraction of full-scale current below which a no-load condition is declared. When X.IRMS
falls below this level, the MAXQ3181 no longer accumulates power for phase X. Full scale is represented by
0x10000. The maximum value for this register is 0xFFFF.
Bit:
15
14
13
12
11
10
9
8
Name:
Overvoltage Level High Byte
Reset:
0xFF
Bit:
7
6
5
4
3
2
1
0
Name:
Overvoltage Level Low Byte
Reset:
0xFF
Bit:
15
14
13
12
11
10
9
8
Name:
Undervoltage Level High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Undervoltage Level Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
No-Load Level High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
No-Load Level Low Byte
Reset:
0x03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com