Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3181-RAN+ Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
42
______________________________________________________________________________________
Energy, Real Negative, Phase X = A/B/C (X.EANEG)
(A: 0x1EC, B: 0x2D8, C: 0x3C4)
On every DSP cycle, the contents of the X.ACT register are tested, and, if negative, absolute values are added to
this register. When this register overflows, the ANOV bit in the X.EOVER register is set.
Energy, Apparent, Phase X = A/B/C (X.ES) (A: 0x1F8, B: 0x2E4, C: 0x3D0)
On every DSP cycle, the contents of the X.APP register are added to this register. When this register overflows, the
SOV bit in the X.EOVER register is set.
Bit:
31
30
29
28
27
26
25
24
Name:
Real Energy Byte 3
Bit:
23
22
21
20
19
18
17
16
Name:
Real Energy Byte 2
Bit:
15
14
13
12
11
10
9
8
Name:
Real Energy Byte 1
Bit:
7
6
5
4
3
2
1
0
Name:
Real Energy Byte 0
Bit:
31
30
29
28
27
26
25
24
Name:
Apparent Energy Byte 3
Bit:
23
22
21
20
19
18
17
16
Name:
Apparent Energy Byte 2
Bit:
15
14
13
12
11
10
9
8
Name:
Apparent Energy Byte 1
Bit:
7
6
5
4
3
2
1
0
Name:
Apparent Energy Byte 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com