Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ3181-RAN+ Datasheet(PDF) 76 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 76 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 75Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 76Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 77Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 78Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 79Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 80Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
76
______________________________________________________________________________________
Phase-Angle Compensation
Phase Offset Current Threshold 1 (I1THR) (0x05C)
This register specifies the fraction of full-scale current that causes the MAXQ3181 to switch from PA0 to PA1 to pro-
vide phase-angle compensation. For more information, see the PA0, PA1, and PA2 register descriptions. The full-
scale current is represented by 0x10000.
Phase Offset Current Threshold 2 (I2THR) (0x05E)
This register specifies the fraction of full-scale current that causes the MAXQ3181 to switch from PA1 to PA2 to pro-
vide phase-angle compensation. For more information, see the PA0, PA1, and PA2 register descriptions. The full-
scale current is represented by 0x10000.
Miscellaneous Gain
Neutral Current Gain (N.I_GAIN) (0x12E)
This register contains gain compensation coefficient for the neutral current channel measurement. The raw values
are taken from the selected measurement quantity and scaled by N.I_GAIN/214.
Bit:
15
14
13
12
11
10
9
8
Name:
Phase Accumulator Current Threshold 1 High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Phase Accumulator Current Threshold 1 Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Phase Accumulator Current Threshold 2 High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Phase Accumulator Current Threshold 2 Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Compensation Coefficient High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Compensation Coefficient Low Byte
Reset:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com