Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R35V Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT45R35V Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD VCC
Conditions
VIH1
Input High Voltage for I/O Ports,
TMR, INT0 and INT1
¾¾
¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset
¾¾ LVRenabled
2.7
3.0
3.3
V
IOL
I/O, RREF and CREF Sink
Current
3V
¾
VOL=0.1VDD
48
¾
mA
5V
¾
10
20
¾
mA
IOH
I/O, RREF and CREF Source
Current
3V
¾
VOH=0.9VDD
-2
-4
¾
mA
5V
¾-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾¾
20
60
100
k
W
5V
¾¾
10
30
50
k
W
RPL
RC1~RC12 Pull-low Resistance
3V
¾¾
20
60
100
k
W
5V
¾¾
10
30
50
k
W
VO
LDO Output Voltage
¾¾
¾
4.7
5.0
5.3
V
VCC
VFD, F1O, BZO and BZO Output
Supply Voltage
¾¾
¾
12
¾
24
V
IOUT
Maximum LDO Output Current
¾¾ For VCC³5V
10
¾¾
mA
DVLNR Line Regulation
¾¾
VIN=(VOUT+0.1V) to 24V,
IOUT=1mA
TBD
0.06
TBD
%/V
DVLDR Load Regulation
¾¾
IOUT=100
mA to 20mA,
COUT=10pF
TBD
0.16
TBD
%/mA
VDRO
Dropout Voltage
¾¾ IOUT=1mA
25
30
35
mV
ICC1
Logic Operating Current 1
5V
18V No load, VFD outputs, all
output low, CLK=100kHz
¾
70
110
mA
24V
¾
TBD
TBD
mA
ICC2
Logic Operating Current 2
5V
18V No load, VFD outputs, all
output high, CLK=100kHz
¾
70
110
mA
24V
¾
TBD
TBD
mA
ICC3
Buzzer Operating Current
5V
18V
No load, BZI input 50kHz
¾
130
180
mA
24V
¾
TBD
TBD
mA
ICC4
Filament Operating Current
5V
18V
No load, F1 input 50kHz
¾
90
140
mA
24V
¾
TBD
TBD
mA
ISTB
Standby Current (LDO Always
On, WDT Enable/Disable)
5V
18V
No load
¾
65
(TBC)
105
(TBC)
mA
24V
¾
TBD
TBD
mA
IOL2
F1O Sink Current
5V
18V
VOL= 0.1VCC
2.5
5.0
¾
mA
24V
TBD
TBD
¾
mA
IOH2
F1O Source Current
5V
18V
VOH= 0.9VCC
-15
-30
¾
mA
24V
TBD
TBD
¾
mA
IOL3
BZO/BZO Sink Current
5V
18V
VOL= 0.1VCC
15
30
¾
mA
24V
TBD
TBD
¾
mA
HT45R35V
Rev. 1.00
5
January 15, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com