Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R35V Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT45R35V Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD VCC
Conditions
IOH3
BZO/BZO Source Current
5V
18V
VOH= 0.9VCC
-15
-30
¾
mA
24V
TBD
TBD
mA
IOL4
Grid/Segment Sink Current
5V
18V
VOL= 0.1VCC
2.5
5.0
¾
mA
24V
TBD
TBD
¾
mA
IOH4
Grid/Segment Source Current
5V
18V
VOH= 0.9VCC
-6
-12
¾
mA
24V
TBD
TBD
¾
mA
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
(Crystal OSC, RC OSC)
¾ 2.2V~5.5V
400
¾
4000
kHz
¾ 3.3V~5.5V
400
¾
8000
kHz
fTIMER
Timer I/P Frequency
¾ 2.2V~5.5V
0
¾
4000
kHz
¾ 3.3V~5.5V
0
¾
8000
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tWDT1
Watchdog Time-out Period
(WDT RC OSC)
3V
Without WDT prescaler
11
23
46
ms
5V
8
17
33
ms
tWDT2
Watchdog Time-out Period
(System Clock/4)
¾ Without WDT prescaler
¾
1024
¾
tSYS
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾ Wake-up from HALT
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tLVR
Low Voltage Reset Time
¾¾
0.25
1
2
ms
tPHL,
tPLH
Propagation Delay Time
(Clock to VFD Output)
¾ VCC=15V
¾
100
200
ns
Propagation Delay Time
(Strobe to VFD Output)
¾ VCC=15V
¾
100
200
ns
tTHL,
tTLH
Output Transition Time
¾ VCC=15V
¾
40
80
ns
tSU
Data Setup Time
¾ VCC=15V
¾
10
20
ns
tCS
Setup Time (Clock to Strobe)
VCC=15V
¾
10
20
ns
tH
Hold Time (Data to Clock)
VCC=15V
¾
10
20
ns
tSC
Hold Time (Clock to Strobe)
VCC=15V
¾
75
150
ns
tr,tf
Clock Input Rise or Fall Time
¾ VCC=15V
¾¾
20
ns
tWC
Clock Pulse Width
¾ VCC=15V
¾
40
83
ns
tWL
Strobe Pulse Width
¾ VCC=15V
¾
35
70
ns
fmax
Maximum Clock Input Fre-
quency
¾ VCC=15V
¾
8
¾
MHz
Note: *tSYS=1/fSYS
HT45R35V
Rev. 1.00
6
January 15, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com