Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R35V Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45R35V Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
HT45R35V
Rev. 1.00
14
January 15, 2009
External RC Oscillator
Using the external system RC oscillator requires that a
resistor, with a value between 24k
W and 1.5MW,iscon-
nected between OSC1 and VDD, and a capacitor is con-
nected to ground. The generated system clock divided
by 4 will be provided on OSC2 as an output which can
be used for external synchronization purposes. Note
that as the OSC2 output is an NMOS open-drain type, a
pull high resistor should be connected if it to be used to
monitor the internal frequency. Although this is a cost ef-
fective oscillator configuration, the oscillation frequency
can vary with VDD, temperature and process variations
and is therefore not suitable for applications where tim-
ing is critical or where accurate oscillator frequencies
are required.For the value of the external resistor ROSC
refer to the Holtek website for typical RC Oscillator vs.
Temperature and VDD characteristics graphics. Note
that it is the only microcontroller internal circuitry to-
gether with the external resistor, that determine the fre-
quency of the oscillator. The external capacitor shown
on the diagram does not influence the frequency of os-
cillation.
Watchdog Timer Oscillator
The WDT oscillator is a fully self-contained free running
on-chip RC oscillator with a typical period of 65
msat5V
requiring no external components. When the device en-
ters the Power Down Mode, the system clock will stop
running but the WDT oscillator continues to free-run and
to keep the watchdog active. However, to preserve
power in certain applications the WDT oscillator can be
disabled via a configuration option.
Watchdog Timer
- WDT
The WDT clock can be sourced from its own dedicated
internal oscillator (WDT oscillator), or from the or in-
struction clock, which is the system clock divided by 4.
The choice is determined via a configuration option. The
WDT timer is designed to prevent a software malfunc-
tion or sequence from jumping to an unknown location
with unpredictable results. The Watchdog Timer can be
disabled by a configuration option. If the Watchdog
Timer is disabled, any executions related to the WDT re-
sult in no operation.
The WDT clock source is first divided by 256. If the inter-
nal WDT oscillator is used ,this gives a nominal time-out
period of approximately 17ms at 5V. This time-out pe-
riod may vary with temperatures, VDD and process vari-
ations. By using the WDT prescaler, longer time-out
periods can be realised. Writing data to the WS2, WS1,
WS0 bits in the WDTS register, can give different
time-out periods. If WS2, WS1 and WS0 are all equal to
1, the division ratio will be 1:128, and the maximum
time-out period will be 2.1s at 5V. If the internal WDT os-
cillator is disabled, the WDT clock may still come from
the instruction clock and operate in the same manner
except that in the Power Down state the WDT will stop
counting and lose its protecting purpose. The high nib-
ble and bit 3 of the WDTS can be used for user defined
flags.
If the device operates in a noisy environment, using the
internal WDT oscillator is the recommended choice,
since the HALT instruction will stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS (09H) Register
O S C 1
4 7 0 p F
V D D
R O S C
O S C 2
f S Y S / 4 N M O S O p e n D r a i n
External RC Oscillator
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
O p t i o n
S e l e c t
W D T
O S C
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com