Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R35V Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT45R35V Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 25Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 26Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 27Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
HT45R35V
Rev. 1.00
24
January 15, 2009
VFD Interface
A five line interface exists between the microcontroller
and the VFD driver as shown in the diagram.
Data transmission between the microcontroller and the
VFD interface is conducted via a three line interface us-
ing the CLK, DATA and STROBE lines. As data commu-
nication is only one way the microcontroller I/O pins
must bet setup as outputs.
The buzzer control input BZI will be transformed into a
complementary pair of outputs BZO and BZO by a con-
verter in the VFD driver. These complementary buzzer
outputs will also be level shifted to a higher voltage by
the converter. The VFD driver filament control input, F1,
will also be shifted to a high voltage output called F1O,
that can be used to switch the filaments on and off.
24-bit Shift Register/Latch
Data transmitted from the microcontroller is transmitted
serially and will be first written into a 24-bit shift register
located within the VFD driver. These 24-bits are used to
control the VFD panel segments, VFD0~VFD15, and
grid, VFD16~VFD23, lines. The control method is as fol-
lows:
· Use the
²DATA² and ²CLK² lines to shift data into the
internal 24-bit shift register. Data is clocked into the
shift-register on the positive clock edge. This data cor-
responds to the desired VFD0~VFD23 output display
data. The VFD outputs will only change if the
STROBE line is high. If the STROBE line is low, only
the shift register data will be modified and the VFD
outputs will remain the same.
· Use the
²STROBE² line to latch the shift-register data
to the VFD0~VFD23 outputs. When the STROBE line
is high, the shift register data will be latched to the
VFD lines. Note that the STROBE line is level and not
edge triggered.
The accompanying table shows the 24-bit shift regis-
ter/latch function truth table:
Clock
Strobe
Data
VFD0
VFDn
­
0
X
No change No change
­
1
0
0
VFDn-1
­
1
1
1
VFDn-1
¯
1
1
No change No change
Note:
²X² means don¢t care
²VFDn² means VFD1~VFD23
Programming Considerations
After power on all the I/O lines will be automatically
setup as inputs. However as lines PB3~PB7 are used to
drive the VFD and buzzer interface, they should be
setup as outputs after power is applied to the device. Al-
lowing the VFD interface control lines to be setup as in-
puts will create an incorrect VFD display and buzzer
operation. It is advised that the configuration options se-
lect pull-high resistors to be connected to these lines to
keep the lines at a fixed high level when power is initially
applied and until the lines can be setup as outputs.
S h i f t
R e g i s t e r
& L a t c h
C o m p l e m e n t
O u t p u t
C o n v e r t e r
L e v e l
S h i f t e r
V F D 0
V F D 2 3
F 1 O
P a d N a m e
V F D D r i v e r
P B 5
P B 6
P B 7
P B 3
P B 4
S T R O B E
C L K
D A T A
B Z I
F 1
B Z O
B Z O
O u t p u t s
VFD Driver
C L K
D A T A
S T R O B E
V F D 0
VFD Display Control Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com