Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R35V Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45R35V
Description  C/R to F Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35V Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45R35V Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R35V Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
HT45R35V
Rev. 1.00
15
January 15, 2009
The WDT overflow under normal operation will generate
a
²chip reset² and set the status bit ²TO². But in the
Power Down mode, the overflow will generate a
²warm
reset
², where only the Program Counter and Stack
Pointer are reset to zero. To clear the contents of the
WDT, including the WDT prescaler, three methods can
be used; an external reset (a low level to RES), a soft-
ware instruction and a
²HALT² instruction. The software
instruction includes
²CLR WDT² instruction and the in-
struction pair
-²CLR WDT1² and ²CLR WDT2².Of
these two types of instruction, only one can be active de-
pending on the configuration option
-²CLR WDT times
selection option
².Ifthe ²CLR WDT² is selected, i.e.
CLRWDT times equal one, any execution of the
²CLR
WDT
² instruction will clear the WDT. In the case that
²CLR WDT1² and ²CLR WDT2² are chosen, i.e.
CLRWDT times equal two, these two instructions must
be executed to clear the WDT; otherwise, the WDT may
reset the chip as a result of a time-out.
Power Down Operation
The Power Down mode is initialized by the
²HALT² in-
struction and results in the following...
· The system oscillator will be turned off but the WDT
oscillator keeps running, if the internal WDT oscillator
has been selected as the WDT source clock.
· The contents of the on chip RAM and registers remain
unchanged.
· The WDT and WDT prescaler will be cleared and will
resume counting, if the internal WDT oscillator has
been selected as the WDT source clock
· AlloftheI/Oportswillmaintaintheiroriginalstatus.
· The PDF flag is set and the TO flag is cleared.
The system can leave the Power Down mode by means
of an external reset, an interrupt, an external falling
edge signal on port Aor a WDT overflow. An external re-
set causes a device initialisation and the WDT overflow
performs a
²warm reset². After the TO and PDF flags
are examined, the reason for the device reset can be de-
termined. The PDF flag is cleared by a system power-up
or executing the
²CLR WDT² instruction and is set when
a
²HALT² instruction is executed. The TO flag is set if a
WDT time-out occurs, and causes a wake-up that only
resets the program counter and stack pointer; the other
registers maintain their their original status.
The port A and interrupt methods of wake-up can be
considered as a continuation of normal execution. Each
bit in port A can be independently selected by configura-
tion options to wake-up the device. When awakened
from an I/O port stimulus, the program will resume exe-
cution at the next instruction. If it is awakened due to an
interrupt, two sequences may happen. If the related in-
terrupt is disabled or the interrupt is enabled but the
stack is full, the program will resume execution at the
next instruction. If the interrupt is enabled and the stack
is not full, the regular interrupt response takes place. If
an interrupt request flag is set to
²1² before entering the
Power Down Mode, the wake-up function of the related
interrupt will be disabled. Once a wake-up event occurs,
it takes 1024 tSYS (system clock periods) to resume nor-
mal operation. A dummy period is therefore inserted af-
ter wake-up. If the wake-up results from an interrupt
acknowledgment, the actual interrupt subroutine execu-
tion will be delayed by one or more cycles. If the
wake-up results in the next instruction execution, this
will be executed immediately after the dummy period is
finished.
To minimise power consumption, all the I/O pins should
be carefully managed before entering the Power Down
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com