Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5634MF0MMGA8 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
Overview
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
27
— Subset of Power Architecture Book E software debug facilities with OnCE block (Nexus class 1 features)
•
eTPU development support features
— IEEE-ISTO 5001-2003 standard class 1 compliant for the eTPU
— Nexus based breakpoint configuration and single step support (JTAG feature of the eTPU)
•
Run-time access to the on-chip memory map via the Nexus read/write access protocol. This feature supports accesses
for run-time internal visibility, calibration variable acquisition, calibration constant tuning, and external rapid
prototyping for powertrain automotive development systems.
•
All features are independently configurable and controllable via the IEEE 1149.1 I/O port
•
Power-on-reset status indication during reset via MDO[0] in disabled and reset modes
1.3.21
JTAG
The JTAGC (JTAG Controller) block provides the means to test chip functionality and connectivity while remaining transparent
to system logic when not in test mode. Testing is performed via a boundary scan technique, as defined in the IEEE 1149.1-2001
standard. All data input to and output from the JTAGC block is communicated in serial format. The JTAGC block is compliant
with the IEEE 1149.1-2001 standard and supports the following features:
•
IEEE 1149.1-2001 Test Access Port (TAP) interface 4 pins (TDI, TMS, TCK, and TDO)
•
A 5-bit instruction register that supports the following IEEE 1149.1-2001 defined instructions:
— BYPASS, IDCODE, EXTEST, SAMPLE, SAMPLE/PRELOAD, HIGHZ, CLAMP
•
A 5-bit instruction register that supports the additional following public instructions:
— ACCESS_AUX_TAP_NPC
— ACCESS_AUX_TAP_ONCE
— ACCESS_AUX_TAP_eTPU
— ACCESS_CENSOR
•
3 test data registers to support JTAG Boundary Scan mode
— Bypass register
— Boundary scan register
— Device identification register
•
A TAP controller state machine that controls the operation of the data registers, instruction register and associated
circuitry
•
Censorship Inhibit Register
— 64-bit Censorship password register
— If the external tool writes a 64-bit password that matches the Serial Boot password stored in the internal flash
shadow row, Censorship is disabled until the next system reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com