Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5634MF0MMGA8 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
80
3.9.2
LVDS pad specifications
LVDS pads are implemented to support the MSC (Microsecond Channel) protocol which is an enhanced feature of the DSPI
module. The LVDS pads are compliant with LVDS specifications and support data rates up to 50 MHz.
Table 23. DSPI LVDS pad specification 1, 2
1 These are typical values that are estimated from simulation.
2 These specifications are subject to change per device characterization.
#
Characteristic
Symbol
C
Condition
Min.
Value
Typ.
Value
Max.
Value
Unit
Data Rate
4
Data Frequency
F
LVDSCLK
CC
D
50
MHz
Driver Specs
5
Differential output voltage
VOD
3
3 Preliminary target values. Actual specifications to be determined.
CC
D
SRC=0b00
or 0b11
150
400
mV
CC
D
SRC=0b01
90
320
CC
D
SRC=0b10
160
480
6
Common mode voltage
(LVDS), VOS
VOS
3
CC
D
1.075
1.2
1.325
V
7
Rise/Fall time
TR/TF
CC
D
2
ns
8
Propagation delay (Low to
High)
TPLH
CC
D
4
ns
9
Propagation delay (High to
Low)
TPHL
CC
D
4
ns
10
Delay (H/L), sync Mode
tPDSYNC
CC
D
4
ns
11
Delay, Z to Normal
(High/Low)
TDZ
CC
D
500
ns
12
Diff Skew Itphla-tplhbI or
Itplhb-tphlaI
TSKEW
CC
D
0.5
ns
Termination
13
Trans. Line (differential Zo)
CC
D
95
100
105
Ω
14
Temperature
CC
D
–40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com