Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5634MF0MMGA8 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 118 page
background image
Pinout and signal description
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
53
CAL_RD_WR
Calibration Bus
RD_WR indicates whether the current transaction is a read
access or a write access.
CAL_TS_ALE
Calibration Bus
The Transfer Start signal (TS) is asserted by the MPC5634M to
indicate the start of a transfer.
The Address Latch Enable (ALE) signal is used to demultiplex
the address from the data bus.
CAL_EVTO
Calibration Bus
Nexus Event Out
CAL_MCKO
Calibration Bus
Nexus Message Clock Out
NEXUSCFG
Nexus/Calibration Bus
Nexus/Calibration Bus selector
eMIOS[0:23]
eMIOS
eMIOS I/O channels
AN[0:39]
eQADC
Single-ended analog inputs for analog-to-digital converter
FCK
eQADC
eQADC free running clock for eQADC SSI.
MA[0:2]
eQADC
These three control bits are output to enable the selection for an
external Analog Mux for expansion channels.
REFBYPC
eQADC
Bypass capacitor input
SDI
eQADC
Serial data in
SDO
eQADC
Serial data out
SDS
eQADC
Serial data select
VRH
eQADC
Voltage reference high input
VRL
eQADC
Voltage reference low input
SCI_A_RX
SCI_B_RX
eSCI_A - eSCI_B
eSCI receive
SCI_A_TX
SCI_B_TX
eSCI_A - eSCI_B
eSCI transmit
ETPU_A[0:31]
eTPU
eTPU I/O channel
CAN_A_TX
CAN_C_TX
FlexCan_A -
FlexCAN_C
FlexCAN transmit
CAN_A_RX
CAN_C_RX
FlexCAN_A -
FlexCAN_C
FlexCAN receive
JCOMP
JTAG
Enables the JTAG TAP controller.
TCK
JTAG
Clock input for the on-chip test and debug logic.
TDI
JTAG
Serial test instruction and data input for the on-chip test and
debug logic.
TDO
JTAG
Serial test data output for the on-chip test logic.
TMS
JTAG
Controls test mode operations for the on-chip test and debug
logic.
Table 5. Signal details (continued)
Signal
Module or Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com