Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5634MF0MMGA8 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
61
3.3.1
General notes for specifications at maximum junction temperature
An estimation of the chip junction temperature, TJ, can be obtained from the equation:
TJ = TA + (RθJA * PD)
Eqn. 1
where:
TA = ambient temperature for the package (oC)
RθJA = junction-to-ambient thermal resistance (oC/W)
PD = power dissipation in the package (W)
The thermal resistance values used are based on the JEDEC JESD51 series of standards to provide consistent values for
estimations and comparisons. The difference between the values determined for the single-layer (1s) board compared to a
four-layer board that has two signal layers, a power and a ground plane (2s2p), demonstrate that the effective thermal resistance
is not a constant. The thermal resistance depends on the:
•
Construction of the application board (number of planes)
Table 11. Thermal characteristics for 208-pin MAPBGA1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions
Value
Unit
RθJA
CC
D
Junction-to-ambient, natural convection2,3
2 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
3 Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
One layer board - 1s
39
°C/W
RθJMA
CC
D
Junction-to-ambient natural convection2,4
4 Per JEDEC JESD51-6 with the board horizontal.
Four layer board - 2s2p
24
°C/W
RθJA
CC
D
Junction-to-ambient2,4
Single layer board
31
°C/W
RθJMA
CC
D
Junction-to-ambient2,4
Four layer board 2s2p
20
°C/W
RθJB
CC
D
Junction-to-board5
5
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
Four layer board - 2s2p
13
°C/W
RθJC
CC
D
Junction-to-case6
6 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate
method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature.
6
°C/W
Ψ
JT
CC
D
Junction-to-package top natural
convection7
7 Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter
is written as Psi-JT.
2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com