Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5634MF0MMGA8 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPC5634MF0MMGA8
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634MF0MMGA8 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC5634MF0MMGA8 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5634MF0MMGA8 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
88
MultiV7,11
(Low Swing Mode)
CC
D
TBD
7.4/6.1
5.4/4.8
30
118
CC
D
NA
NA
NA
CC
D
NA
NA
NA
10
CC
D
NA
NA
NA
CC
D
NA
NA
NA
01
CC
D
NA
NA
NA
CC
D
NA
NA
NA
00
CC
D
NA
NA
NA
Fast
CC
D
2.5/2.5
1.2/1.2
10
00
CC
D
2.5/2.5
1.2/1.2
20
01
CC
D
2.5/2.5
1.2/1.2
30
10
CC
D
2.5/2.5
1.2/1.2
50
118
pad_i_hv12
CC
D
0.5/0.5
3/3
0.4/0.4
±1.5/1.5
0.5
N/A
pull_hv
CC
D
NA
6000
5000/5000
50
N/A
1 These are worst case values that are estimated from simulation and not tested. The values in the table are
simulated at fSYS = 80 MHz, VDD = 1.14 V to 1.32 V, VDDE = 3 V to 3.6 V, VDDEH = 3 V to 3.6 V, TA = TL to TH.
2 This parameter is supplied for reference and is not guaranteed by design and not tested.
3 Delay and rise/fall are measured to 20% or 80% of the respective signal.
4 This parameter is guaranteed by characterization before qualification rather than 100% tested.
5 In high swing mode, high/low swing pad Vol and Voh values are the same as those of the slew controlled output pads
6 Medium Slew-Rate Controlled Output buffer. Contains an input buffer and weak pullup/pulldown.
7 Output delay is shown in Figure 8. Add a maximum of one system clock to the output delay for delay with respect
to system clock.
8 Can be used on the tester
9 This drive select value is not supported. If selected, it will be approximately equal to 11.
10 Slow Slew-Rate Controlled Output buffer. Contains an input buffer and weak pullup/pulldown.
11 Selectable high/low swing IO pad with selectable slew in high swing mode only.
12 Stand alone input buffer. Also has weak pull-up/pull-down.
Table 31. Pad AC specifications (3.3 V)1 (continued)
Pad Type
C
Output Delay (ns)2,3
Low-to-High /
High-to-Low
Rise/Fall Edge (ns)3,4
Drive Load
(pF)
SRC/DSC
Min
Max
Min
Max
MSB,LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com