Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8544EBVTANF Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
33
Enhanced Three-Speed Ethernet (eTSEC), MII Management
Figure 13 shows the GMII transmit AC timing diagram.
Figure 13. GMII Transmit AC Timing Diagram
8.5.2.2
GMII Receive AC Timing Specifications
Table 31 provides the GMII receive AC timing specifications.
GTX_CLK data clock fall time (80%-20%)
tGTXF
——
1.0
ns
Notes:
1. The symbols used for timing specifications follow the pattern t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGTKHDV symbolizes GMII transmit timing
(GT) with respect to the tGTX clock reference (K) going to the high state (H) relative to the time date input signals (D) reaching
the valid state (V) to state or setup time. Also, tGTKHDX symbolizes GMII transmit timing (GT) with respect to the tGTX clock
reference (K) going to the high state (H) relative to the time date input signals (D) going invalid (X) or hold time. Note that, in
general, the clock reference symbol representation is based on three letters representing the clock of a particular functional.
For example, the subscript of tGTX represents the GMII(G) transmit (TX) clock. For rise and fall times, the latter convention
is used with the appropriate letter: R (rise) or F (fall).
2. Data valid tGTKHDV to GTX_CLK Min setup time is a function of clock period and max hold time (Min setup = cycle time –
Max delay).
Table 31. GMII Receive AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
RX_CLK clock period
tGRX
—8.0
ns
RX_CLK duty cycle
tGRXH/tGRX
35
65
%
RXD[7:0], RX_DV, RX_ER setup time to RX_CLK
tGRDVKH
2.0
ns
RX_CLK to RXD[7:0], RX_DV, RX_ER hold time
tGRDXKH
0.5
ns
RX_CLK clock rise (20%–80%)
tGRXR
——
1.0
ns
Table 30. GMII Transmit AC Timing Specifications (continued)
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
GTX_CLK
TXD[7:0]
tGTKHDX
tGTX
tGTXH
tGTXR
tGTXF
tGTKHDV
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com