Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8544EBVTANF Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
12
Freescale Semiconductor
Electrical Characteristics
2.1.3
Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths.
2.2
Power Sequencing
The device requires its power rails to be applied in specific sequence in order to ensure proper device
operation. These requirements are as follows for power up:
1. VDD, AVDD_n, BVDD, LVDD, SVDD, OVDD, TVDD, XVDD
2. GVDD
Note that all supplies must be at their stable values within 50 ms.
Items on the same line have no ordering requirement with respect to one another. Items on separate lines
must be ordered sequentially such that voltage rails on a previous step must reach 90% of their value before
the voltage rails on the current step reach 10% of theirs.
In order to guarantee MCKE low during power-up, the above sequencing for GV
DD is required. If there is
no concern about any of the DDR signals being in an indeterminate state during power up, then the
sequencing for GVDD is not required.
From a system standpoint, if any of the I/O power supplies ramp prior to the VDD core supply, the I/Os
associated with that I/O supply may drive a logic one or zero during power-up, and extra current may be
drawn by the device.
Table 3. Output Drive Capability
Driver Type
Programmable
Output Impedance
(
Ω)
Supply
Voltage
Notes
Local bus interface utilities signals
25
35
BVDD = 3.3 V
BVDD = 2.5 V
1
45 (default)
45 (default)
125
BVDD = 3.3 V
BVDD = 2.5 V
BVDD = 1.8 V
PCI signals
25
OVDD = 3.3 V
2
42 (default)
DDR signal
20
GVDD = 2.5 V
DDR2 signal
16
32 (half strength mode)
GVDD = 1.8 V
TSEC signals
42
LVDD = 2.5/3.3 V
DUART, system control, JTAG
42
OVDD = 3.3 V
I2C
150
OVDD = 3.3 V
Notes:
1. The drive strength of the local bus interface is determined by the configuration of the appropriate bits in PORIMPSCR.
2. The drive strength of the PCI interface is determined by the setting of the PCI_GNT1 signal at reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com