Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8544EBVTANF Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
92
Freescale Semiconductor
Package Description
VDD
L16, L14, M13, M15, M17, N12, N14, N16, N18,
P13, P15, P17, R12, R14, R16, R18, T13, T15,
T17, U12, U14, U16, U18,
Power for core
(1.0 V)
VDD
SVDD_SRDS
M27, N25, P28, R24, R26, T24, T27, U25, W24,
W26, Y24, Y27, AA25, AB28, AD27
Core power for
SerDes 1
transceivers
(1.0 V)
SVDD
SVDD_SRDS2
AB1, AC26, AD2, AE26, AG2
Core power for
SerDes 2
transceivers
(1.0 V)
SVDD
XVDD_SRDS
M21, N23, P20, R22, T20, U23, V21, W22, Y20
Pad power for
SerDes 1
transceivers
(1.0 V)
XVDD
XVDD_SRDS2
Y6, AA6, AA23, AF5, AG5
Pad power for
SerDes 2
transceivers
(1.0 V)
XVDD
XGND_SRDS
M20, M24, N22, P21, R23, T21, U22, V20, W23,
Y21
——
XGND_SRDS2
Y4, AA4, AA22, AD4, AE4, AH4
SGND_SRDS
M28, N26, P24, P27, R25, T28, U24, U26, V24,
W25, Y28, AA24, AA26, AB24, AB27, AC24,
AD28
——
AGND_SRDS
V27
SerDes PLL
GND
——
SGND_SRDS2
Y2, AA1, AB3, AC2, AC3, AC25, AD3, AD24,
AE3, AE1, AE25, AF3, AH2
——
AGND_SRDS2
AF1
SerDes PLL
GND
——
AVDD_LBIU
C28
Power for local
bus PLL
(1.0 V)
—19
AVDD_PCI1
AH20
Power for PCI
PLL
(1.0 V)
—19
AVDD_CORE
AH14
Power for e500
PLL (1.0 V)
—19
AVDD_PLAT
AH18
Power for CCB
PLL (1.0 V)
—19
Table 62. MPC8544E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com