Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8544EBVTANF Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8544EBVTANF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544EBVTANF Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8544EBVTANF Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8544EBVTANF Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
39
Enhanced Three-Speed Ethernet (eTSEC), MII Management
A summary of the single-clock TBI mode AC specifications for receive appears in Table 36.
A timing diagram for TBI receive appears in Figure 21.
.
Figure 21. TBI Single-Clock Mode Receive AC Timing Diagram
8.7.4
RGMII and RTBI AC Timing Specifications
Table 37 presents the RGMII and RTBI AC timing specifications.
Table 36. TBI Single-Clock Mode Receive AC Timing Specification
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
RX_CLK clock period
tTRR
7.5
8.0
8.5
ns
RX_CLK duty cycle
tTRRH
40
50
60
%
RX_CLK peak-to-peak jitter
tTRRJ
——
250
ps
Rise time RX_CLK (20%–80%)
tTRRR
——
1.0
ns
Fall time RX_CLK (80%–20%)
tTRRF
——
1.0
ns
RCG[9:0] setup time to RX_CLK rising edge
tTRRDV
2.0
ns
RCG[9:0] hold time to RX_CLK rising edge
tTRRDX
1.0
ns
Table 37. RGMII and RTBI AC Timing Specifications
At recommended operating conditions with L/TVDD of 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
Data to clock output skew (at transmitter)
tSKRGT_TX
–500
0
500
ps
5
Data to clock input skew (at receiver)
tSKRGT_RX
1.0
2.8
ns
2
Clock period duration
tRGT
7.2
8.0
8.8
ns
3
Duty cycle for 10BASE-T and 100BASE-TX
tRGTH/tRGT
40
50
60
%
3, 4
Rise time (20%–80%)
tRGTR
0.75
ns
RX_CLK
RCG[9:0]
Valid Data
tTRRR
tTRRF
tTRRDV
tTRR
tTRRH
tTRRDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com