Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-3023 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # ASDL-3023
Description  IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-3023 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  ASDL-3023 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 4Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image

Recommended Application Circuit Components
Component
Recommended Value
Note
R1
4.7W,±5%,0.25wattforVcc≤3.0V
R2
2.7W,for2.4≤VLED≤2.7V;
3.3W,for2.7<VLED≤3.0V
3.9W,for3.0<VLED≤3.3V
4.7W,for3.3<VLED≤3.6V
5.6W,for3.6<VLED≤4.2V
10W,for4.2<VLED≤5V
CX1,CX3,CX5
100nF,±20%,X7RCeramic
1
CX2,CX4
4.7mF,±20%,Tantalum
1
Notes:CX1,CX2,CX3&CX4mustbeplacedwithin0.7cmofASDL-3023
toobtainoptimumnoiseimmunity
Absolute Maximum Ratings
Forimplementationswherecasetoambientthermalresistanceis±50°C/W.
Parameter
Symbol
Min.
Max.
Units
Conditions
Ref
StorageTemperature
TS
-40
+100
°C
OperatingTemperature
TA
-25
+85
°C
LEDAnodeVoltage
VLEDA
-0.3
6.5
V
SupplyVoltage
VCC
-0.3
6
V
InputVoltage:TXD,SD/Mode
VI
-0.3
5.5
V
OutputVoltage:RXD
VO
-0.3
5.5
V
PeakIRLEDCurrent
IIRLED(PK)
200
mA
≤25%dutycycle,≤90mspulsewidth Fig3
PeakRCLEDCurrent
IRCLED(PK)
300
mA
≤10%dutycycle,≤90mspulsewidth Fig4
CAUTION: The CMOS INhereNT TO The deSIgN Of ThIS COMpONeNT INCreASeS The COMpONeNT’S SUSCepTIbIlITy TO
dAMAge frOM eleCTrOSTATIC dISChArge (eSd). IT IS AdvISed ThAT NOrMAl STATIC preCAUTIONS be TAkeN IN hANdlINg
ANd ASSeMbly Of ThIS COMpONeNT TO preveNT dAMAge ANd/Or degrAdATION whICh MAy be INdUCed by eSd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com