Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-3023 Datasheet(PDF) 20 Page - Lite-On Technology Corporation

Part # ASDL-3023
Description  IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-3023 Datasheet(HTML) 20 Page - Lite-On Technology Corporation

Back Button ASDL-3023 Datasheet HTML 16Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 17Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 18Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 19Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 20Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 21Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 22Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 23Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 24Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
0
General mobile application processor
The transceiver is directly interface with the micropro-
cessor provided its support infrared communication
commonly known as Infrared Communications Port
(ICP).TheICPsupportsbothSIRdataratesupto115.2kps
and sometimes FIR data with data rates up to 4Mbps.
The remote control commands can be sent one of the
available General Purpose IO pins or the UART block
withIrDAfunctionality.Itshouldbeshouldbeobserved
that although both IrDA data transmission and Remote
control transmission is possible simultaneously by the
hardware,hencethesoftwareisrequiredtoresolvethis
issuetopreventthemixingandcorruptionofdatawhile
being transmitted over the free air.The above Figure 3
illustrates a reference interfacing to implement both IR
andRCfunctionalitywithASDL-3023.
Remote Control Operation
The ASDL-3023 is spectrally suited to universal remote
controltransmissionfunctionat940nmtypically.Remote
controlapplicationsarenotgovernedbyanystandards,
owing to which there are numerous remote codes
in market. Each of those standards results in receiver
modules with different sensitivities, depending on the
carriesfrequenciesandresponsivelytotheincidentlight
wavelength. Remote control carrier frequencies are in
therangeof30KHzto60KHz(fordetailsofsomethefre-
quentlyusedcarrierfrequencies,pleaserefertoAN1314).
Some common carrier frequencies and the correspond-
ing SA-1110 UART frequency and baud rate divisor are
showninTable3.
Table 3.
Remote Control Carrier
Frequency (KHz)
SA-1110 UART
Frequency (KHz)
Baud Rate
Divisor
30
28.8
8
32,33
32.9
7
36,36.7,38,39.2,40
38.4
6
56
57.6
4
Figure 3. ASDL-3023 configuration with general mobile architecture processor
GND
GND
HSDL3021
GPIO
TXD_RC
RXD
SD
IR_RXD
GPIO
IOVCC
GND
IOVCC
IR_TXD
100Kohm
TXD_IR
VLED
R3
CX4
CX3
VLEDA
IOVCC
CX5
100Kohm
GND
GND
R1
CX1
CX2
VCC
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com