Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-3023 Datasheet(PDF) 23 Page - Lite-On Technology Corporation

Part # ASDL-3023
Description  IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-3023 Datasheet(HTML) 23 Page - Lite-On Technology Corporation

Back Button ASDL-3023 Datasheet HTML 18Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 19Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 20Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 21Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 22Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 23Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 24Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 25Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 26Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image

Window Material
Almost any plastic material will work as a window
material. Polycarbonate is recommended. The surface
finish of the plastic should be smooth, without any
texture. An IR filter dye may be used in the window to
make it look black to the eye, but the total optical loss
of the window should be 10% or less for best optical
performance.Lightlossshouldbemeasuredat875nm.
Therecommendedplasticmaterialsforuseasacosmetic
windowareavailablefromGeneralElectricPlastics.
Recommended Plastic Materials:
Material #
Light Transmission
Haze
Refractive Index
Lexan141
88%
1%
1.586
Lexan920A 85%
1%
1.586
Lexan940A 85%
1%
1.586
Note:920Aand940Aaremoreflameretardantthan141.
RecommendedDye:Violet#21051
(IRtransmissantabove625mm)
Shape of the Window
From an optics standpoint, the window should be flat.
This ensures that the window will not alter either the
radiationpatternoftheLED,orthereceivepatternofthe
photodiode.Ifthewindowmustbecurvedformechani-
calorindustrialdesignreasons,placethesamecurveon
thebacksideofthewindowthathasanidenticalradiusas
thefrontside.Whilethiswillnotcompletelyeliminatethe
lenseffectofthefrontcurvedsurface,itwillsignificantly
reducetheeffects.Theamountofchangeintheradiation
pattern is dependent upon the material chosen for the
window,theradiusofthefrontandbackcurves,andthe
distance from the back surface to the transceiver. Once
theseitemsareknown,alensdesigncanbemadewhich
will eliminate the effect of the front surface curve. The
followingdrawingsshowtheeffectsofacurvedwindow
ontheradiationpattern.Inallcases,thecenterthickness
ofthewindowis1.5mm,thewindowismadeofpolycar-
bonate plastic, and the distance from the transceiver to
thebacksurfaceofthewindowis3mm.
Flat Window, (First Choice)
Curved Front and Back, (Second Choice)
Curved Front, Flat Back, (Do not use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com