Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-3023 Datasheet(PDF) 22 Page - Lite-On Technology Corporation

Part # ASDL-3023
Description  IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-3023 Datasheet(HTML) 22 Page - Lite-On Technology Corporation

Back Button ASDL-3023 Datasheet HTML 18Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 19Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 20Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 21Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 22Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 23Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 24Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 25Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 26Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image

Aperture Width (X) vs Module Depth (Z)
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
22.00
0
1
2
3
4
5
6
7
8
9
Module Depth (Z) mm
Xmin
Xmax
Aperture Height (Y) vs Module Depth (Z)
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
0
1
2
3
4
5
6
7
8
9
Module Depth (Z) mm
Ymin
Ymax
Module Depth
(Z) mm
Aperture Width (X, mm)
Aperture height (Y, mm)
Min
Max
Min
Max
0
7.20+W1
9.16+W2
1.70+W1
3.66+W2
1
7.73+W1
10.32+W2
2.23+W1
4.82+W2
2
8.27+W1
11.47+W2
2.77+W1
5.97+W2
3
8.81+W1
12.62+W2
3.31+W1
7.12+W2
4
9.34+W1
13.78+W2
3.84+W1
8.28+W2
5
9.88+W1
14.93+W2
4.38+W1
9.43+W2
6
10.41+W1
16.09+W2
4.91+W1
10.59+W2
7
10.95+W1
17.24+W2
5.45+W1
11.74+W2
8
11.49+W1
18.40+W2
5.99+W1
12.90+W2
9
12.02+W1
19.55+W2
6.52+W1
14.05+W2
Itisrecommendedthatthetoleranceforassemblybeconsideredaswell.Therecommendedminimumwindowsize
whichwilltakeintoaccountoftheassemblytoleranceisdefinedas:
Xmin+assemblytolerance=Xmin+2*(assemblytolerance)(Dimensionsareinmm)
Ymin+assemblytolerance=Ymin+2*(assemblytolerance)(Dimensionsareinmm)
Inthefigureabove,Xisthewidthofthewindow,YistheheightofthewindowandZisthedistancefromtheASDL-
3023tothebackofthewindow.ThedistancefromthecenteroftheLEDlenstothecenterofthephotodiodelens,K,is
5.5mm.Theequationsforcomputingthewindowdimensionsareasfollows:
X=K+2*(Z+D)*tanA
Y=2*(Z+D)*tanA
Theaboveequationsassumethatthethicknessofthewindowisnegligiblecomparedtothedistanceofthemodule
fromthebackofthewindow(Z).Iftheyarecomparable,
W1=0.33*T,
W2=0.66*T,
whereTisthewindowthicknessandtherefractiveindexofthewindowmaterialis1.586.
ThedepthoftheLEDimageinsidetheASDL-3023,D,is3.17mm.‘A’istherequiredhalfangleforviewing.ForIrDA
compliance,theminimumis15°andthemaximumis30°.Theequationsresultinthefollowingtablesandgraphs.The
graphsareplottedassumingthatthethicknessofthewindowisnegligible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com