Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-3023 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # ASDL-3023
Description  IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-3023 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  ASDL-3023 Datasheet HTML 1Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 4Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image

ASDL-3023
IrDAData Compliant Low Power 4Mbit/s
with Remote Control Infrared Transceiver
Data Sheet
Features
General Features
• Operatingtemperaturefrom-25°C~85°C
- Criticalparametersareguaranteedover
temperatureandsupplyvoltage
• VccSupply2.4to3.6V
• InterfacetoVariousSuperI/OandControllerDevices
-Input/OutputInterfaceVoltageof1.5V
• MiniaturePackage
MiniaturePackage(shielded)
Height:1.75mm
Height:1.95mm
Width:7.5mm
Width:8.0mm
Depth:2.75mm
Depth:3.00mm
• MoistureLevel3
• PowerSavingusing3ILEDrange(SIR,MIR/FIR,RC
mode)
• LEDstuckhighprotection
• HighEMIPerformance
• HighESDPerformance
• DesignedtoAccommodateLightLosswithCosmetic
Windows
• IEC825-Class1EyeSafe
IrDAFeatures
• FullyComplianttoIrDA1.4PhysicalLayerLowPower
Specificationsfrom9.6kbit/sto4.0Mb/s
- Linkdistanceupto30cm(minimum)
• Completeshutdown
• LowPowerConsumption
- Lowshutdowncurrent
- Lowidlecurrent
Remote Control Features
• Wideangleandhighradiantintensity
• Spectrallysuitedtoremotecontroltransmission
function
• Minimumpeakwavelengthof880nm
• 2RCTransmissionMode
- SingleTXD(ProgrammableMode)
- DualTXD(Direct)
Description
The ASDL-3023 is a new generation low profile high
speed enhanced infrared (IR) transceiver module that
provides the capability of (1) interface between logic
and IR signals for through-air, serial, half-duplex IR data
link,and(2)IRremotecontroltransmissionforuniversal
remotecontrolapplications.TheASDL-3023canbeused
forIrDAaswellasremotecontrolapplicationwithoutthe
need of any additional external components for multi-
plexing.
TheASDL-3023isfullycomplianttoIrDAPhysicalLayer
specificationversion1.4lowpowerfrom9.6kbit/sto4.0
Mbit/s(FIR)andIEC825Class1eyesafetystandards.
TheASDL-3023canbeshutdowncompletelytoachieve
verylowpowerconsumption.Intheshutdownmode,the
PINdiodewillbeinactiveandthusproducingverylittle
photocurrentevenunderverybrightambientlight.Itis
alsodesignedtointerfacetoinput/outputlogiccircuitsas
lowas1.5V.Thesefeaturesareidealforbatteryoperated
mobile devices such as PDAs and mobile phones that
requirelowpowerconsumption.
Applications
Mobiledatacommunicationanduniversalremotecontrol
• MobilePhones
• PDAs
• DigitalStillCamera
• Printer
• HandyTerminal
• IndustrialandMedicalInstrument
Application Support Information
The Application Engineering Group is available to assist
you with the application design associated with ASDL-
3023infraredtransceivermodule.Youcancontactthem
through your local sales representatives for additional
details.


Similar Part No. - ASDL-3023

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3023 AVAGO-ASDL-3023 Datasheet
909Kb / 25P
IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
ASDL-3023-008 AVAGO-ASDL-3023-008 Datasheet
909Kb / 25P
IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
ASDL-3023-021 AVAGO-ASDL-3023-021 Datasheet
909Kb / 25P
IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
ASDL-3023-S21 AVAGO-ASDL-3023-S21 Datasheet
909Kb / 25P
IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
More results

Similar Description - ASDL-3023

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3023 AVAGO-ASDL-3023 Datasheet
909Kb / 25P
IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
ASDL-3212 AVAGO-ASDL-3212 Datasheet
544Kb / 17P
IrDA Data Compliant Low Power 1.152 Mbit/s Infrared Transceiver
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3003 AVAGO-HSDL-3003 Datasheet
443Kb / 21P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3021 AVAGO-HSDL-3021 Datasheet
191Kb / 26P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com