Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3525 Datasheet(PDF) 108 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 108 Page - ams AG

Back Button AS3525 Datasheet HTML 104Page - ams AG AS3525 Datasheet HTML 105Page - ams AG AS3525 Datasheet HTML 106Page - ams AG AS3525 Datasheet HTML 107Page - ams AG AS3525 Datasheet HTML 108Page - ams AG AS3525 Datasheet HTML 109Page - ams AG AS3525 Datasheet HTML 110Page - ams AG AS3525 Datasheet HTML 111Page - ams AG AS3525 Datasheet HTML 112Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
108
- 194
Table 26 Peripheral Clock Controller Register
Name
Base
Default
CGU_PERI
AS3525_CGU_BASE
0x0F800000
Peripheral clock controller register
Offset0x14
This register allows setting the peripheral clocks.
Bit
Bit Name
Default
Access
Bit Description
28
MBIST_EN
0
R/W
memory bist manager clock enable
27
EXTMEM_EN
1
R/W
external memory clock enable
26
EXTMEMIF_EN
1
R/W
external memory AHB IF clock enable
25
1TRAM_EN
1
R/W
1TRAM controller AHB IF clock enable
24
ROM_EN
1
R/W
ROM AHB IF clock enable
23
VIC_EN
1
R/W
vectored interrupt controller AHB IF clock enable
22
DMAC_EN
0
R/W
DMA controller AHB IF clock enable
21
USB_EN
0
R/W
USB controller AHB IF clock enable
20
I2SO_APB_EN
0
R/W
I2Sout APB IF clock enable
19
I2SI_APB_EN
0
R/W
I2Sin APB IF clock enable
18
I2C_EN
0
R/W
I2C master/slave APB IF clock enable
17
I2C_AUDIO_EN
0
R/W
I2C audio APB IF clock enable
16
GPIO_EN
0
R/W
general purpose IO APB IF clock enable
15
SDMCI_EN
0
R/W
secure digital/multimedia APB IF clock enable
14
NANDFLASH_EN
0
R/W
NAND flash/Smart Media APB IF clock enable
13
UART_EN
0
R/W
UART APB IF clock enable
12
WDOCNT_EN
0
R/W
watchdog counter clock enable
11
WDOIF_EN
0
R/W
watchdog timer module APB IF clock enable
10
SSP_EN
0
R/W
synchronous serial port APB IF clock enable
9
TIMER1_EN
0
R/W
timer module timer1 clock enable
8
TIMER2_EN
0
R/W
timer module timer2 clock enable
7
TIMERIF_EN
0
R/W
timer module APB IF clock enable
6
PCLK_DIV1_SEL
0
R/W
division ratio div1 (AHB/APB clock) => div1 = 1/(pclk_div1_sel
+ 1)
5:2
PCLK_DIV0_SEL
[3:0]
0x0
R/W
division ratio div0 (ext. memory clock) => div0 =
1/(pclk_div0_sel + 1)
1:0
PCLK_SEL[1:0]
0x0
R/W
clkin select
b’00: clk_main
b’01: plla_fout
b’10: pllb_fout
b’11: fclk
CAUTION: Clock gating takes effect immediately! Software must assure that all transactions to/from the module are finished
before the clock is disabled.
CAUTION: The peripheral clock must not exceed 65 MHz. The software must assure that requirement.
Note:
f(clk_extmem) := f(clkin) * div0;
f(pclk) := f(clkin) * div0 * div1;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com