Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3932 Datasheet(PDF) 12 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 12 Page - ams AG

Back Button AS3932 Datasheet HTML 8Page - ams AG AS3932 Datasheet HTML 9Page - ams AG AS3932 Datasheet HTML 10Page - ams AG AS3932 Datasheet HTML 11Page - ams AG AS3932 Datasheet HTML 12Page - ams AG AS3932 Datasheet HTML 13Page - ams AG AS3932 Datasheet HTML 14Page - ams AG AS3932 Datasheet HTML 15Page - ams AG AS3932 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
12 - 33
AS3932
Data Sheet - Detailed Description
AS3932 needs the following external components:
Power supply capacitor - CBAT – 100 nF
32.768 kHz crystal with its two pulling capacitors – XTAL and CL – (it is possible to omit these components if the internal RC oscillator is
used instead of the crystal oscillator).
One, two, or three LC resonators according to the number of used channels.
In case the internal RC-oscillator is used (no crystal oscillator is mounted), the pin XIN has to be connected to the supply, while pin XOUT should
stay floating. Application diagrams with and without crystal are shown in Figure 1and Figure 2
8.2 Operating Modes
8.2.1 Power Down Mode
In Power Down Mode AS3932 is completely switched off. The typical current consumption is 400 nA.
8.2.2 Listening Mode
In listening mode only the active channel amplifiers and the RTC are running. In this mode the system detects the presence of a carrier. In case
the carrier is detected the RSSI can be displayed.
If the three dimensional detection is not required it is possible to deactivate one or more channels. In case only two channels are required the
deactivated channel must be the number three, while if only one channel detection is needed the active channel must be the number one.
Inside this mode it is possible to distinguish the following three sub modes:
8.2.2.1 Standard Listening mode
All channels are active at the same time
8.2.2.2 Scanning mode (Low Power mode 1)
All used channels are active, but only one per time slot, where the time slot T is defined as 1ms. If, for example all three channels are used in the
first millisecond the only active channel is the number one, after the first millisecond the channel three will be active for the same period of time
and at the end the channel two will be working for one millisecond, handing over to the channel one again. This channel rotation goes on until the
presence of the carrier is detected by any of the channels; then immediately all three channels will become active at the same time. Now AS3932
can perform a simultaneous multidirectional evaluation (on all three channels) of the field and evaluate which channel has the strongest RSSI.
The channel with the highest RSSI will be put through to the demodulator. In this way it is possible to perform multidirectional monitoring of the
field with a current consumption of a single channel, keeping the sensitivity as good as if all channels are active at the same time.
Figure 11. Scanning Mode
tim e
tim e
tim e
C h a nnel1
C h a nnel2
C h a nnel3
tim e
P resenc e
of c a rrier
t0
t0 + T
t0 + 2 T
t 0 + 3 T
t 0 + 4 T
t0 + 5 T
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com