Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3932 Datasheet(PDF) 15 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 15 Page - ams AG

Back Button AS3932 Datasheet HTML 11Page - ams AG AS3932 Datasheet HTML 12Page - ams AG AS3932 Datasheet HTML 13Page - ams AG AS3932 Datasheet HTML 14Page - ams AG AS3932 Datasheet HTML 15Page - ams AG AS3932 Datasheet HTML 16Page - ams AG AS3932 Datasheet HTML 17Page - ams AG AS3932 Datasheet HTML 18Page - ams AG AS3932 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
15 - 33
AS3932
Data Sheet - Detailed Description
8.3.3 Serial Data Interface (SDI)
This 4-wires interface is used by the Microcontroller (µC) to program the AS3932. The clock operation frequency of the SDI is 1MHz.
Note:
SDO is set to tristate if CS is low. In this way more than one device can communicate on the same SDO bus.
R4<7:6>
T_OFF
W
00
Off time in ON/OFF operation mode
T_OFF=00
1ms
T_OFF=01
2ms
T_OFF=10
4ms
T_OFF=11
8ms
R4<5:4>
D_RES
W
01
Antenna damping resistor (see Table 15)
R4<3:0>
GR
W
0000
Gain reduction (see Table 14)
R5<7:0>
TS2
W
01101001
2
nd Byte of wakeup pattern
R6<7:0>
TS1
W
10010110
1
st Byte of wakeup pattern
R7<7:5>
T_OUT
W
000
Automatic time-out (see Table 20)
R7<4:0>
T_HBIT
W
01011
Bit rate definition (see Table 18)
R8<2:0>
T_AUTO
W
000
Artificial wake-up
T_AUTO=000
No artificial wake-up
T_AUTO=001
1 sec
T_AUTO=010
5 sec
T_AUTO=011
20 sec
T_AUTO=100
2 min
T_AUTO=101
15min
T_AUTO=110
1 hour
T_AUTO=111
2 hour
R9<6:0>
000000
Reserved
R10<4:0>
RSSI1
R
RSSI channel 1
R11<4:0>
RSSI3
R
RSSI channel 3
R12<4:0>
RSSI2
R
RSSI channel 2
R13<7:0>
F_WAK
WR
False wakeup register
Table 8. Serial Data Interface (SDI) pins
Name
Signal
Signal Level
Description
CS
Digital Input with pull down
CMOS
Chip Select
SDI
Digital Input with pull down
CMOS
Serial Data input for writing registers, data to
transmit and/or writing addresses to select
readable register
SDO
Digital Output
CMOS
Serial Data output for received data or read
value of selected registers
SCLK
Digital Input with pull down
CMOS
Clock for serial data read and write
Table 7. Default Values of Registers
Register
Name
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com