Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3932 Datasheet(PDF) 31 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 31 Page - ams AG

Back Button AS3932 Datasheet HTML 25Page - ams AG AS3932 Datasheet HTML 26Page - ams AG AS3932 Datasheet HTML 27Page - ams AG AS3932 Datasheet HTML 28Page - ams AG AS3932 Datasheet HTML 29Page - ams AG AS3932 Datasheet HTML 30Page - ams AG AS3932 Datasheet HTML 31Page - ams AG AS3932 Datasheet HTML 32Page - ams AG AS3932 Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
31 - 33
AS3932
Data Sheet - Package Drawings and Markings
Figure 24. Package Diagram QFN 4x4 16LD
Note:
1. Die thickness allowable is 0.279 ± 0.0127.
2. Dimensioning and tolerances conform to ASME Y14.5M-1994.
3. Dimension b applies to metallized terminal and is measured between 0.25mm and 0.30mm from terminal tip. Dimension L1 represents
terminal full back from package edge up to 0.1mm is acceptable.
4. Coplanarity applies to the exposed heat slug as well as the terminal.
5. Radius on terminal is optional
Table 26. Package Dimensions QFN 4x4 16LD
Symbol
Min
Typ
Max
Symbol
Min
Typ
Max
A
0.75
0.85
0.95
e
0.65 BSC
A1
0.203 REF
L
0.40
0.50
0.60
b
0.25
0.30
0.35
L1
0.10
D
4.00 BSC
P
45º BSC
E
4.00 BSC
aaa
0.15
D2
2.30
2.40
2.50
ccc
0.10
E2
2.30
2.40
2.50
#1
2
3
4
56
7
8
9
10
11
12
16
1 5
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com