Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3932 Datasheet(PDF) 17 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 17 Page - ams AG

Back Button AS3932 Datasheet HTML 13Page - ams AG AS3932 Datasheet HTML 14Page - ams AG AS3932 Datasheet HTML 15Page - ams AG AS3932 Datasheet HTML 16Page - ams AG AS3932 Datasheet HTML 17Page - ams AG AS3932 Datasheet HTML 18Page - ams AG AS3932 Datasheet HTML 19Page - ams AG AS3932 Datasheet HTML 20Page - ams AG AS3932 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
17 - 33
AS3932
Data Sheet - Detailed Description
All direct commands are explained below:
- clear_wake: clears the wake state of the chip. In case the chip has woken up (WAKE pin is high) the chip is set back to listening mode
- reset_RSSI: resets the RSSI measurement.
- trim_osc: starts the trimming procedure of the internal RC oscillator (see Figure 22)
- clear_false: resets the false wakeup register (R13=00)
- preset_default: sets all register in the default mode, as shown in Figure 7
8.3.3.2 Writing of Data to Addressable Registers (WRITE Mode)
The SDI is sampled at the falling edge of CLK (as shown in the following diagrams).
A CS toggling high-low-high indicates the end of the WRITE command after register has been written. The following example shows a write
command.
Figure 13. Writing of a Single Byte (falling edge sampling)
Figure 14. Writing of Register Data with Auto-incrementing Address
8.3.3.3 Reading of Data from Addressable Registers (READ Mode)
Once the address has been sent through SDI, the data can be fed through the SDO pin out to the microcontroller.
A CS LOW toggling high-low-high has to be performed after finishing the read mode session, in order to indicate the end of the READ command
and prepare the Interface to the next command control Byte.
To transfer bytes from consecutive addresses, SDI master has to keep the CS signal high and the SCLK clock has to be active as long as data
need to be read.
trim_osc
0
00010
clear_false
0
00011
preset_default
0
00100
Table 12. List of Direct Commands
COMMAND_MODE
B13
B12
B11
B10
B9
B8
CS
SCLK
SDI
0
0
A5
A4
A3
A2
A1
A0
D5
D 4
D3
D2
D1
D0
D7
D6
X
X
SCLK raising
edge Data is
transf ered from
µC
SCLK
falling edge
Data is
sampled
Data is moved
t o Address
A5-A0
CS falling
edge signals
end of
WRITE Mode
Two leading
Zeros indicate
WRITE Mode
CS
SCLK
SDI
00
A
5
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
Data is moved
t o Address
<A5-A0 > + n
CS falling
edge signals
end of
WRITE Mode
Two leading
Zeros indicat e
WRI TE Mode
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
D
0
Data is moved
to Addres s
<A5-A0 > + (n- 1)
Dat a is mov ed
to Addres s
<A5-A0> +1
Data is moved
t o Address
<A5-A0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com