Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3932 Datasheet(PDF) 13 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 13 Page - ams AG

Back Button AS3932 Datasheet HTML 9Page - ams AG AS3932 Datasheet HTML 10Page - ams AG AS3932 Datasheet HTML 11Page - ams AG AS3932 Datasheet HTML 12Page - ams AG AS3932 Datasheet HTML 13Page - ams AG AS3932 Datasheet HTML 14Page - ams AG AS3932 Datasheet HTML 15Page - ams AG AS3932 Datasheet HTML 16Page - ams AG AS3932 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
13 - 33
AS3932
Data Sheet - Detailed Description
8.2.2.3 ON/OFF mode (Low Power mode 2)
All active channels are on at the same time but not for the whole time (time slot T is defined as 1ms). An on-off duty-ratio is defined. This duty
ratio is programmable see R4<7:6>.
Figure 12. ON/OFF Mode
For each of these sub modes it is possible to enable a further feature called Artificial Wake-up. The Artificial Wake-up is a counter based on the
used RTC. Three bits define a time window see R8<2:0>. If no activity is seen within this time window the chip will produce an interrupt on the
WAKE pin that lasts 128 µs. With this interrupt the microcontroller (µC) can get feedback on the surrounding environment (e.g. read the false
wakeup register, see Correlator register R13<7:0>) and/or take actions in order to change the setup.
8.2.3 Preamble Detection / Pattern Correlation
The chip can go in to this mode after detecting a LF carrier only if the data correlator function is enabled see R1<1>. The correlator searches
first for preamble frequency (constant frequency of Manchester clock defined according to bit-rate transmission) and then for data pattern.
If the pattern is matched the wake-up interrupt is displayed on the WAKE output and the chip goes in Data receiving mode. If the pattern fails the
internal wake-up (on all active channels) is terminated and no IRQ is produced.
8.2.4 Data Receiving
The user can enable this mode allowing the pattern correlation or just on the base of the frequency detection. In this mode the chip can be
retained a normal OOK receiver. The data is provided on the DAT pin and in case the Manchester decoder is enabled see R1<3>, the recovered
clock is present on the CL_DAT. It is possible to put the chip back to listening mode either with a direct command (CLEAR_WAKE (see Table 12))
or by using the timeout feature. This feature automatically sets the chip back to listening mode after a certain time R7<7:5>.
8.3 System and Block Specification
8.3.1 Register Table
Table 6. Register Table
7
6
5
4
3
2
1
0
R0
n.a.
ON_OFF
MUX_123
EN_A2
EN_A3
EN_A1
PWD
R1
ABS_HY
AGC_TLIM
AGC_UD
ATT_ON
EN_MANCH
EN_PAT2
EN_WPAT
EN_RTC
R2
S_ABSH
W_PAT_T<1:0>
Reserved
S_WU1<1:0>
R3
HY_20m
HY_POS
FS_SLC<2:0>
FS_ENV<2:0>
R4
T_OFF<1:0>
R_VAL<1:0>
GR<3:0>
R5
TS2<7:0>
R6
TS1<7:0>
R7
T_OUT<2:0>
T_HBIT<4:0>
time
time
time
Channel1
Channel2
Channel3
time
Presence
of carrier
t0
t0+T
2*t0
2*t0+T
3*t0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com