Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5140H Datasheet(PDF) 7 Page - ams AG

Part # AS5140H
Description  10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 7 Page - ams AG

Back Button AS5140H Datasheet HTML 3Page - ams AG AS5140H Datasheet HTML 4Page - ams AG AS5140H Datasheet HTML 5Page - ams AG AS5140H Datasheet HTML 6Page - ams AG AS5140H Datasheet HTML 7Page - ams AG AS5140H Datasheet HTML 8Page - ams AG AS5140H Datasheet HTML 9Page - ams AG AS5140H Datasheet HTML 10Page - ams AG AS5140H Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
www.austriamicrosystems.com/AS5140H
Revision 1.4
7 - 37
AS5140H
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
TAMB = -40 to 150ºC, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation), unless otherwise noted.
6.1 DC Characteristics for Digital Inputs and Outputs
Table 4. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Isupp
Supply current
16
21
mA
VDD5V
External supply voltage at pin VDD5V
5V operation
4.5
5.0
5.5
V
VDD3V3
Internal regulator output voltage at pin
VDD3V3
3.0
3.3
3.6
V
VDD5V
External supply voltage at pin
VDD5V,VDD3V3
3.3V operation
(pins VDD5V and VDD3V3 connected)
3.0
3.3
3.6
V
VDD3V3
3.0
3.3
3.6
V
tpwrup3
External VDD3V3 supply voltage rise
time at power-up
10%-90% level in 3.3V mode (pins VDD5V
and VDD3V3 connected)
1
150
µs
Table 5. CMOS Schmitt-Trigger Inputs: CLK, CSn (CSn = Internal Pull-up)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
Normal operation
0.7 *
VDD5V
V
VIL
Low level input voltage
0.3 *
VDD5V
V
VIon - VIoff
Schmitt Trigger hysteresis
1
V
ILEAK
Input leakage current
CLK only
-1
1
µA
IiL
Pull-up low level input current
CSn only, VDD5V:5.0V
-30
-100
Table 6. CMOS / Program Input: Prog
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
0.7 *
VDD5V
5V
VPROG
High level input voltage
During programming
Refer to Programming
Conditions on page 9
V
VIL
Low level input voltage
0.3 *
VDD5V
V
IiL
Pull-down high level input current
VDD5V:5.5V
100
µA
Table 7. CMOS Output Open Drain: MagINCn, MagDECn
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOL
Low level output voltage
VSS+0.4
V
IO
Output current
VDD5V:4.5V
4
mA
VDD5V:3V
2
IOZ
Open drain leakage current
1
µA
Table 8. CMOS Output: A, B, Index, PWM
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
VDD5V-
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com